Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2815T/EM Datasheet(PDF) 9 Page - International Rectifier

Part # ART2815T/EM
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ART2815T/EM Datasheet(HTML) 9 Page - International Rectifier

Back Button ART2815T/EM Datasheet HTML 4Page - International Rectifier ART2815T/EM Datasheet HTML 5Page - International Rectifier ART2815T/EM Datasheet HTML 6Page - International Rectifier ART2815T/EM Datasheet HTML 7Page - International Rectifier ART2815T/EM Datasheet HTML 8Page - International Rectifier ART2815T/EM Datasheet HTML 9Page - International Rectifier ART2815T/EM Datasheet HTML 10Page - International Rectifier ART2815T/EM Datasheet HTML 11Page - International Rectifier ART2815T/EM Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
ART28XXT Series
Additional Filtering
Figure VI. External Input EMI Filter
While the internal input filter of Figure V keeps input ripple
current below 100 mA
p-p
, an external filter may be applied
to further attenuate this ripple to a level below the CE03
limits imposed by MIL-STD-461B. Figure VI is a general
diagram of the International Rectifier filter module designed
to operate in conjunction with the ART28XX series
converters to provide that attenuation.
This circuit as shown in Figure VI is constructed using the
same quality materials and processes as those employed
in the ART28XX series converters and is intended for use
in the same environments. This filter is fabricated in a
complementary package style whose output pin configuration
allows pin to pin connection between the filter and the
converter. More complete information on this filter can be
obtained from the ARF461 data sheet.
An external filter may also be added to the output where
circuit requirements dictate extremely low output ripple
noise. The output filter described by Figure VII has been
characterized with the ART2815T using the values shown
in the associated material list.
It is important to be aware that when filtering high frequency
noise, parasitic circuit elements can easily dominate filter
performance. Therefore, it is incumbent on the designer to
exercise care when preparing a circuit layout for such
devices. Wire runs and lengths should be minimized, high
frequency loops should be avoided and careful attention
paid to the construction details of magnetic circuit elements.
Tight magnetic coupling will improve overall magnetic
performance and reduce stray magnetic fields.
+5 V
5V
Return
+15V
15V
Return
-15V
+5V Out
+5V
Return
+15V
Out
15V
Return
-15V
Out
C1
C2
C3
C4
C5
C6
C7
C8
L1
L2
L4
L3
G
&Lj…†Ã6XB! Ãivsvyh…ÃHhtÃDpÃp‚…rÃQIÃ`E# "$U8…Ãr„ˆv‰hyr‡
G!
&Lj…†Ã6XB!#Džvsvyh…ÃHhtÃDpÃp‚…rÃQIÃ`E# "$U8…Ãr„ˆv‰hyr‡
G"
#Lj…†Ã6XB! ÃHhtÃDpÃp‚…rÃQIÃHQQ$$#'…Ãr„ˆv‰hyr‡
G#
$Lj…†Ã6XB! Ãivsvyh…ÃHhtÃDpÃp‚…rÃQIÃHQQ$$#'…Ãr„ˆv‰hyr‡
8 8$ !!ƒAǒƒrÃ8FSÃpr…h€vpÃphƒhpv‡‚…
8%
&—Aà $WÃH"(%!!$ #ÃUh‡hyˆ€
8&Ã8' !$—AÃ$WÃH"(%!!$%'ÃUh‡hyˆ€
Figure VII. External Output Filter
Measurement techniques can impose a significant influ-
ence on results. All noise measurements should be mea-
sured with test leads as close to the device output pins as
physically possible. Probe ground leads should be kept to
a minimum length.
Although internal filtering is provided at both the input and
output terminals of the ART28XX series, additional filtering
may be desirable in some applications to accommodate
more stringent system requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com