Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3CFM4DI Datasheet(PDF) 1 Page - Amphenol Corporation

Part # H3CFM4DI
Description  HELIOS H4 Amphenol solar connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

H3CFM4DI Datasheet(HTML) 1 Page - Amphenol Corporation

  H3CFM4DI Datasheet HTML 1Page - Amphenol Corporation H3CFM4DI Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IDS-17-3
UL and TUV dual approval
Fully intermateable with industry standard
Meets all new NEC 2008 requirements
Quick and easy secure snap lock mating
Simple unlocking tool meets NEC requirements
Long-term UV and Ozone resistance
Highest current rating in industry
RoHS compliant
Complete Cable Assemblies available
Low contact resistance means low power loss
Ready for field assembly
Industrial Operations (AIO) offers products and
solutions for all segments of the solar electric system. AIO
understands the need for efficient (low loss) power transfer,
highly reliable, and cost effective solutions that are
required to be competitive in this industry. We can provide
panel manufacturers, installers, and OEM's with connectivity
products for both thin film and crystalline silicon
technologies.
has a broad range of technologies
to help minimize the cost of inverters and power
conditioners.
Industrial can help you power the
planet with the sun. The Helios H4 connector is just one
of the solar connector solutions
Industrial
has to offer.
HELIOS H4
www.amphenol-industrial.com
H4 Features:


Similar Part No. - H3CFM4DI

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
H3C-SFP-XG-T-C ATGBICS-H3C-SFP-XG-T-C Datasheet
223Kb / 6P
H3C-SFP-XG-T H3C Compatible Transceiver SFP 10G Base T (RJ45, Copper, 30m)
logo
Micro Commercial Compon...
H3C1 MCC-H3C1 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H3C2 MCC-H3C2 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H3C3 MCC-H3C3 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
Solid-State Digital Timer
More results

Similar Description - H3CFM4DI

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
H4TS0000 AMPHENOL-H4TS0000 Datasheet
1Mb / 2P
Amphenol solar connector
H4CFC2DIS AMPHENOL-H4CFC2DIS Datasheet
1Mb / 2P
Helios H4
IDS-17-5 AMPHENOL-IDS-17-5 Datasheet
275Kb / 2P
Amphenol solar connector
RJE724881 AMPHENOL-RJE724881 Datasheet
222Kb / 2P
AMPHENOL CANADA CORP
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
Amphenol Corporation Amphenol Taiwan Corporation
L77DB25SU AMPHENOL-L77DB25SU Datasheet
63Kb / 1P
Amphenol Socapex
H4CFM6DI AMPHENOL-H4CFM6DI Datasheet
1Mb / 2P
H4 PV Panel Connector
logo
Amphenol Industrial Pro...
IDS-39-6 AIO-IDS-39-6 Datasheet
806Kb / 2P
H4 PV Panel Mount Connector
logo
Huber+Suhner, Inc.
11_H4-50-3-10133_N HUBERSUHNER-11_H4-50-3-10133_N Datasheet
131Kb / 2P
COAXIAL CONNECTOR, H4, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com