Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS Datasheet(PDF) 8 Page - International Rectifier

Part # ATS
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATS Datasheet(HTML) 8 Page - International Rectifier

Back Button ATS Datasheet HTML 2Page - International Rectifier ATS Datasheet HTML 3Page - International Rectifier ATS Datasheet HTML 4Page - International Rectifier ATS Datasheet HTML 5Page - International Rectifier ATS Datasheet HTML 6Page - International Rectifier ATS Datasheet HTML 7Page - International Rectifier ATS Datasheet HTML 8Page - International Rectifier ATS Datasheet HTML 9Page - International Rectifier ATS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.irf.com
ATS-SERIES
Figure 3. Block Diagram - Single Output
Figure 4. Block Diagram - Dual Output
1
4
2
5
7
Vin
INHIBIT
RETURN
+OUTPUT
OUTPUT
ADJUST
3
CASE
GROUND
+
-
BIAS
SUPPLY
EMI
FILTER
+10.5V
SAMPLE
&
HOLD
FEEDBACK
TRIGGER
EA
6
OUTPUT
RETURN
RAMP
GEN.
PWM
CONTROLLER
7
8
+OUTPUT
RETURN
+
-
EA
6
-OUTPUT
1
4
2
Vin
INHIBIT
RETURN
3
CASE
GROUND
BIAS
SUPPLY
EMI
FILTER
+10.5V
SAMPLE
&
HOLD
FEEDBACK
TRIGGER
RAMP
GEN.
PWM
CONTROLLER
5
OUTPUT
ADJUST



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com