Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2815T Datasheet(PDF) 10 Page - International Rectifier

Part # ART2815T
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ART2815T Datasheet(HTML) 10 Page - International Rectifier

Back Button ART2815T Datasheet HTML 4Page - International Rectifier ART2815T Datasheet HTML 5Page - International Rectifier ART2815T Datasheet HTML 6Page - International Rectifier ART2815T Datasheet HTML 7Page - International Rectifier ART2815T Datasheet HTML 8Page - International Rectifier ART2815T Datasheet HTML 9Page - International Rectifier ART2815T Datasheet HTML 10Page - International Rectifier ART2815T Datasheet HTML 11Page - International Rectifier ART2815T Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.irf.com
ART28XXT Series
Performance Characteristics (Typical @ 25°C)
Figure VIII.
Efficiency vs Output Power
for Three Line Voltages.
Figure IX.
5.0 V Output Regulation Limits
0.3 A load on
±15 V outputs
4.80
4.90
5.00
5.10
5.20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5V Load Current, Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com