Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1041LPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IPS1041LPBF
Description  SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1041LPBF Datasheet(HTML) 2 Page - International Rectifier

  IPS1041LPBF Datasheet HTML 1Page - International Rectifier IPS1041LPBF Datasheet HTML 2Page - International Rectifier IPS1041LPBF Datasheet HTML 3Page - International Rectifier IPS1041LPBF Datasheet HTML 4Page - International Rectifier IPS1041LPBF Datasheet HTML 5Page - International Rectifier IPS1041LPBF Datasheet HTML 6Page - International Rectifier IPS1041LPBF Datasheet HTML 7Page - International Rectifier IPS1041LPBF Datasheet HTML 8Page - International Rectifier IPS1041LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IPS1041(L)(R)PbF / IPS1042GPbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
Min.
Max.
Units
are referenced to Ground lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Vds
Maximum drain to source voltage
-0.3
36
V
Vds cont
e voltage
Maximum continuous drain to sourc
-
28
V
Vin
Maximum input voltage
-0.3
6
V
Isd cont.
rrent (limited by thermal dissipation)
1.5
A
Max diode continuous cu
Maximum power dissipation (internally limited by thermal protection)
Rth=60°C/W IPS1041L 1” sqr. footprint
2
Pd
1.25
W
Rth=100°C/W IPS1042G std. footprint
Electrostatic discharge voltage (Human body) C=100pF, R=1500
Between drain and source
4
Other combinations
3
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Between drain and source
0.5
ESD
kV
Other combinations
0.3
Tj max.
ax. storage & operating temperature junction temperature
°C
M
-40
150
Tsoldering
Lead soldering temperature (10 seconds)
300
°C
Typ.
Max.
Units
Thermal Characteristics
Symbol
Parameter
Rth1
Thermal resistance junction to ambient IPS1041L SOT-223 std. footprint
100
Rth2
Thermal resistance junction to ambient IPS1041L SOT-223 1” sqr. footprint
60
Rth1
Thermal resistance junction to ambient IPS1041R D-Pak std. footprint
70
Rth2
Thermal resistance junction to case IPS1041R D-Pak
6
Thermal resistance junction to ambient IPS1042G SO-8 std. Footprint
Rth1
1 die active
100
Thermal resistance junction to ambient IPS1042G SO-8 std. footprint
Rth1
active
130
°C/W
2 die
these conditions, please consult the application notes.
its
Recommended Operating Conditions
These values are given for a quick design. For operation outside
Symbol
Parameter
Min.
Max.
Un
VIH
High level input voltage
4.5
5.5
VIL
Low level input voltage
0
0.5
V
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
Rth=60°C/W IPS1041L 1” sqr. Footprint
1.95
Continuou
, Vin=5V
s drain current, Tambient=85°C, Tj=125°C
Rth=50°C/W IPS1041R 1” sqr. Footprint
2.2
Continuou
, Vin=5V
s drain current, Tambient=85°C, Tj=125°C
Rth=100°C/W IPS1042G 1” sqr. Footprint - 1 die active
1.5
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
Ids
ive
0.7
A
Rth=130°C/W IPS1042G 1” sqr. Footprint - 2 die act
Rin
ecomme
ic
0.5
k
R
nded resistor in series with IN pin to generate a diagnost
10
Max L
Max. recommended load inductance ( including line inductance ) (1)
20
µH
Max. F
Max. frequency
2000
Hz
Max. t rise
time
Max. input rising
1
µs
(
ucta
um load current is limited - see figure 11
1) Higher ind
nce is possible if maxim
www.irf.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com