Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS2805D Datasheet(PDF) 1 Page - International Rectifier

Part # ATS2805D
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATS2805D Datasheet(HTML) 1 Page - International Rectifier

  ATS2805D Datasheet HTML 1Page - International Rectifier ATS2805D Datasheet HTML 2Page - International Rectifier ATS2805D Datasheet HTML 3Page - International Rectifier ATS2805D Datasheet HTML 4Page - International Rectifier ATS2805D Datasheet HTML 5Page - International Rectifier ATS2805D Datasheet HTML 6Page - International Rectifier ATS2805D Datasheet HTML 7Page - International Rectifier ATS2805D Datasheet HTML 8Page - International Rectifier ATS2805D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
01/16/07
www.irf.com
1
HIGH RELIABILITY
DC/DC CONVERTER
ATS-SERIES
Description
n 16V to 50V DC Input Range
n Input Transient per MIL-STD-704D
n Up to 25W Output Power
n Single and Dual Output Models Include
3.3V, 5V, 12V, 15V,
±5V, ±12V and ±15V
n Internal EMI Filter; Converter Capable of
Meeting MIL-STD-461C CE03 and CS01
n Magnetically Coupled Feedback
n High Efficiency - to 82%
n -55°C to +125°C Operating Temperature Range
n 100MΩ @ 500VDC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Output Over Voltage Limiter
n Adjustable Output Voltage
n External Inhibit
n 1,500,000 Hour MTBF
n Low Weight, < 85 grams
Features
28V Input, Single/Dual Output
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Applications
The ATS Series DC/DC converters are a family of 25W,
single and dual output, high reliability devices designed
for rugged environments and extended temperature
operations such as those encountered in military,
aerospace and industrial applications. The converters
are in full compliant with CE03 and CS01 of MIL-STD-
461C. Features include small size, low weight and
conservative component stress de-rating. For operations
in radiation environments, the M3L series with the
identical form factor and electrical rating is recommended.
All models include an external inhibit port and have an
adjustable output voltage. They are enclosed in a
hermetic 1.5" x 2.3" x .425" steel package and weight
less than 85grams. The package utilizes rugged ceramic
feed-thru copper core pins and is sealed using parallel
seam welding.
ATS
n Military Aircraft
n Commercial Aircraft
n Missiles
n Ground Equipment
PD-97221A


Similar Part No. - ATS2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATS2805DCH IRF-ATS2805DCH Datasheet
162Kb / 10P
HIGH RELIABILITY DC-DC CONVERTER
ATS2805DES IRF-ATS2805DES Datasheet
162Kb / 10P
HIGH RELIABILITY DC-DC CONVERTER
ATS2805DHB IRF-ATS2805DHB Datasheet
162Kb / 10P
HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - ATS2805D

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
logo
International Rectifier
HTA IRF-HTA_10 Datasheet
170Kb / 14P
HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3SES IRF-ATS2803R3SES Datasheet
162Kb / 10P
HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com