Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32686S Datasheet(PDF) 4 Page - EPCOS

Part # B32686S
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32686S Datasheet(HTML) 4 Page - EPCOS

  B32686S Datasheet HTML 1Page - EPCOS B32686S Datasheet HTML 2Page - EPCOS B32686S Datasheet HTML 3Page - EPCOS B32686S Datasheet HTML 4Page - EPCOS B32686S Datasheet HTML 5Page - EPCOS B32686S Datasheet HTML 6Page - EPCOS B32686S Datasheet HTML 7Page - EPCOS B32686S Datasheet HTML 8Page - EPCOS B32686S Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Overview of available types
Type
B32686S
VR (V DC)
1000
1250
1600
2000
VRMS (V AC)
400
450
450
500
CR (nF)
22
33
47
68
100
120
150
220
270
330
390
470
560
680
B32686S
Snubber
Page 4 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com