Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50_A350X Datasheet(PDF) 2 Page - EPCOS

Part # M50_A350X
Description  Surge arrester 2-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M50_A350X Datasheet(HTML) 2 Page - EPCOS

  M50_A350X Datasheet HTML 1Page - EPCOS M50_A350X Datasheet HTML 2Page - EPCOS M50_A350X Datasheet HTML 3Page - EPCOS M50_A350X Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X4630xxxx
a)
2-electrode arrester
M50-A350X
KB AB E / KB AB PM
Issue 03 / 2007-04-19
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Very small size
High current rating
Very fast response time
Stable performance over life
Very low capacitance
High insulation resistance
RoHS-compatible
Branch exchange
Line protection
Subscriber protection
Alarm system
Electrical specifications
DC spark-over voltage
1) 2)
350
± 20
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 800
< 750
< 900
< 800
V
V
V
V
Service life
10 operations
50 Hz, 1 s
5
A
1 operation
50 Hz, 0.18 s (9 cycles)
10
A
10 operations
8/20 µs
5
kA
1 operation
8/20 µs
10
kA
1 operation
10/350 µs
0.5
kA
Insulation resistance at 100 Vdc
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 15
~ 0.5
~ 60
V
A
V
Weight
~ 1
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
350 YY O
350
- Nominal voltage
YY
- Year of production
O
- Non radioactive
a)
xxxx = C102 (container with 100 pcs.)
= C253 (container with 2500 pcs.)
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com