Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32632B1682 Datasheet(PDF) 2 Page - EPCOS

Part # B32632B1682
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B1682 Datasheet(HTML) 2 Page - EPCOS

  B32632B1682 Datasheet HTML 1Page - EPCOS B32632B1682 Datasheet HTML 2Page - EPCOS B32632B1682 Datasheet HTML 3Page - EPCOS B32632B1682 Datasheet HTML 4Page - EPCOS B32632B1682 Datasheet HTML 5Page - EPCOS B32632B1682 Datasheet HTML 6Page - EPCOS B32632B1682 Datasheet HTML 7Page - EPCOS B32632B1682 Datasheet HTML 8Page - EPCOS B32632B1682 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Typical applications
Smoothing
High-frequency AC loads
Switch-mode power supplies
Electronic ballasts
HID lamps
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Film metallized on one side and
metal foils internally connected in series
Contact layer of sprayed metal
Wound capacitor technology
Epoxy resin coating (UL 94 V-0)
Features
Highest possible contact reliability
Very high pulse strength
Self-healing properties
Terminals
Crimped wire leads, lead-free tinned,
lead length (6
1 mm)
Double crimped wire leads, lead-free tinned
Straight wire leads, lead-free tinned,
lead length (17
±3 mm)
Different lead spacings (reduced and enlarged) available,
lead length (6
1 mm)
Marking
Manufacturer's logo, style and type (P63x),
rated capacitance (coded),
capacitance tolerance (code letter),
rated DC voltage, date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Metallized polypropylene film capacitors (MFP)
B32632 ... B32634
Very high pulse (wound)
Page 2 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com