Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32632B2152 Datasheet(PDF) 18 Page - EPCOS

Part # B32632B2152
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B2152 Datasheet(HTML) 18 Page - EPCOS

Back Button B32632B2152 Datasheet HTML 14Page - EPCOS B32632B2152 Datasheet HTML 15Page - EPCOS B32632B2152 Datasheet HTML 16Page - EPCOS B32632B2152 Datasheet HTML 17Page - EPCOS B32632B2152 Datasheet HTML 18Page - EPCOS B32632B2152 Datasheet HTML 19Page - EPCOS B32632B2152 Datasheet HTML 20Page - EPCOS B32632B2152 Datasheet HTML 21Page - EPCOS B32632B2152 Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA
≤90 °C)
For TA >90
°C, please refer to "General technical information", section 3.2.3.
Lead spacing 27.5 mm
630 V DC/300 V AC
1250 V DC/450 V AC
1600 V DC/450 V AC
2000 V DC/500 V AC
B32634
Very high pulse (wound)
Page 18 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com