Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3CNN6DI Datasheet(PDF) 2 Page - Amphenol Corporation

Part # H3CNN6DI
Description  HELIOS H4 Amphenol solar connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

H3CNN6DI Datasheet(HTML) 2 Page - Amphenol Corporation

  H3CNN6DI Datasheet HTML 1Page - Amphenol Corporation H3CNN6DI Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H
4
C
F
C
2
D
I
How to order
1
2
3
4
5
6
7
8
For further information on your individual application requirements,contact: Amphenol Corporation
North America:
Amphenol Industrial Operations
40-60 Delaware Avenue,
Sidney, NY 13838-1395
Tel: 1-520-285-5114
1-888-364-9011
Fax: 1-520-397-7169
E-mail: energy@amphenol-aio.com
Europe:
Amphenol Industrial Operations
Europe Via Barbaiana 5
1-20020 Lainate (MI) Italy
Tel: +39 02 93254.204
Fax:+39 02 93254.444
Email:info@amphenol-aio.com
Middle East:
Amphenol Middle East Enterprises FZE
Office C-37 PO Box 21107
Ajman Free Zone, UAE
Tel: +9716-7422494
Fax:+9716-7422941
Email:ameefze@eim.ae
Asia:
Amphenol Technology Shenzhen Ltd
Block 5 Fuan 2nd Industrial Park Dayang Rd,
Fuyong Baoan Baoan, Shenzhen, China 518103
Tel: +86 755 2881 8389
Fax:+86 755 2991 8310
Email:enquiry@amphenol-industrial.com
Helios
Amphenol solar connector
Strip tool for 2,5SQMM-6SQMM
(AWG10-AWG14)
Unlocking ring tool
Tooling part numbers
Crimp tool for 2,5SQMM-6SQMM
(AWG10-AWG14)
Wrench/disconnect/assembly tool
RADSOK Contact
R
Technical Data
Rated current
Rated voltage
Test voltage
Typical contact resistance
Contact material
Contact system
Insulation material
Locking mechanism
Cable strain relief
Degree of protection
Safety class
Pollution degree
Overvoltage category
Flame class
Ambient temperature range
222
36A(2.5mm ,AWG14),45A(4.0mm ,AWG12),52A(6.0mm ,AWG10)
1000V (IEC/CEI), 600V(UL)
6kV for 1 minute, 10kV impulse (1.2/50 S)(IEC)
0.25m
Copper, tin plated
Machined/cold formed contact with Radsok insert
PC
Snap-lock, special unlock tool required to un-mate as required by NEC2008
Compression gland with ratcheting gland nut
IP68 (1 meter, 1 hour) mated
II (IEC61140)
2 (IEC60664)
III (IEC60664)
UL94-V0
-40
--- +90
,60A(10.0mm ,AWG8)
2
R
Derating curves
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
110
2
H4 connector with 6mm contact
Derating curve
Ambient temperature [ ]
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
110
2
H4 connector with 4mm contact
Derating curve
Ambient temperature [ ]
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
110
2
H4 connector with 2.5mm contact
Derating curve
Ambient temperature [ ]
R
R 50157783
E 325465
Product line
Product type
Product
Gender
Cable entry
Cable size
Approval
Package
Variation
C
Connector
F
Female +
(standard)
C
cable gland
2
2.5
/AWG14
2
mm
T
TUV approved
I
Single
H4 solar
connector
Helios
solar line
P
Protective cap
M
Male -
(standard)
M
bulkhead M12
4
4.0
/AWG12
2
mm
U
UL approved
C
Bulkpack,
100 purchase
Y
Branch
connector
P
N
bulkhead M14
6
6.0
/AWG10
2
mm
D
D
Bulk pack,
500 purchase.
mated pair
dual approval
G
female -
O
over-mold
M
Bulk pack,
1000 purchase.
N
male +
N
Bulk pack,
2000 purchase.
(default package)
How to order assembly tools
Description
Ordering code
H4 Strip tool
H4TS0000
H4 Crimp Tool
H4TC0000
H4 Wrench Tool
H4TW0000
H4 Ring Tool
H4TR0000
H4TU0000
Universal unlocking tool
H4 Universal Unlocking Tool
8
10.0mm /AWG8
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com