Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC50SDPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PC50SDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50SDPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG4PC50SDPBF Datasheet HTML 1Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 2Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PC50SDPbF
2
www.irf.com
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 250µA
∆V
(BR)CES/
∆T
J
Temperature Coeff. of Breakdown Voltage
—0.75
—
V/°C VGE = 0V, IC = 1mA (25°C-150°C)
—
1.28
1.36
IC = 41A, VGE = 15V, TJ = 25°C
2
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.62
—
V
IC = 80A, VGE = 15V, TJ = 25°C
—1.25
—
IC = 41A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
—
6.0
V
VCE = VGE, IC = 250µA
3
∆V
GE(th)/
∆TJ
Threshold Voltage temp. coefficient
—
-9.3
—
mV/°C VCE = VGE, IC = 250µA (25°C - 150°C)
gfe
Forward Transconductance
17
34
—
S
VCE = 100V, IC = 41A
——
250
VGE = 0V, VCE = 600V
ICES
Collector-to-Emitter Leakage Current
—
—
2.0
µA
VGE = 0V, VCE = 10V, TJ = 25°C
—
—
1000
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
—
1.3
1.7
V
IF = 25A
13
—1.2
1.5
IF = 25A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
—
180
280
IC = 41A
8
Qge
Gate-to-Emitter Charge (turn-on)
—
24
37
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
—
61
92
VCC = 400V
Eon
Turn-On Switching Loss
—
0.72
—
IC = 41A, VCC = 480V, VGE = 15V
18a, 18b
Eoff
Turn-Off Switching Loss
—
8.27
—
mJ
RG = 5.0
Ω, TJ = 25°C
18c
Etotal
Total Switching Loss
—
8.99
13
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
—
33
—
IC = 41A, VCC = 480V, VGE = 15V
18a, 18b
tr
Rise time
—
30
—
ns
RG = 5.0
Ω, L = 200µH, TJ = 25°C
18c
td(off)
Turn-Off delay time
—
650
980
tf
Fall time
—
400
600
Etotal
Total Switching Loss
—
15
—
mJ
td(on)
Turn-On delay time
—
31
—
IC = 41A, VCC = 480V, VGE = 15V
18a, 18b
tr
Rise time
—
31
—
ns
RG = 5.0
Ω, L = 200µH
18c
td(off)
Turn-Off delay time
—
1080
—
TJ = 150°C
tf
Fall time
—
620
—
Cies
Input Capacitance
—
4100
—
pF
VGE = 0V
7
Coes
Output Capacitance
—
250
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
48
—
f = 1.0Mhz
trr
Diode Reverse Recovery Time
—
50
75
ns
TJ = 25°C, VR = 200V, IF = 25A, di/dt=200A/µs
14
105
160
TJ = 125°C, VR = 200V, IF = 25A, di/dt=200A/µs
18a, 18d
Irr
Peak Reverse Recovery Current
—
4.5
10
A
TJ = 25°C, VR = 200V, IF = 25A, di/dt=200A/µs
15
—8.0
15
TJ = 125°C, VR = 200V, IF = 25A, di/dt=200A/µs
18a, 18d
Qrr
Peak Reverse Recovery Current
—
112
375
nC
TJ = 25°C, VR = 200V, IF = 25A, di/dt=200A/µs
16
—
420
1200
TJ = 125°C, VR = 200V, IF = 25A, di/dt=200A/µs
18a, 18d
di(rec)M/dt
Peak Rate of Fall of Recovery During tb
—250
—
A/µs TJ = 25°C, VR = 200V, IF = 25A, di/dt=200A/µs
17
—160
—
TJ = 125°C, VR = 200V, IF = 25A, di/dt=200A/µs
Conditions
Notes:
Repetitive rating: VGE=15V; pulse width limited by maximum junction temperature. (See figure 20)
‚VCC=80%(VCES), VGE=15V, RG = 5.0Ω. (See figure 19)
ƒPulse width ≤ 80µs; duty factor ≤ 0.1%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com