Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S8253 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89S8253
Description  8-bit Microcontroller with 12 Kbyte Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8253 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89S8253 Datasheet HTML 1Page - ATMEL Corporation AT89S8253 Datasheet HTML 2Page - ATMEL Corporation AT89S8253 Datasheet HTML 3Page - ATMEL Corporation AT89S8253 Datasheet HTML 4Page - ATMEL Corporation AT89S8253 Datasheet HTML 5Page - ATMEL Corporation AT89S8253 Datasheet HTML 6Page - ATMEL Corporation AT89S8253 Datasheet HTML 7Page - ATMEL Corporation AT89S8253 Datasheet HTML 8Page - ATMEL Corporation AT89S8253 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
3286P–MICRO–3/10
AT89S8253
The AT89S8253 provides the following standard features: 12K bytes of In-System Programma-
ble Flash, 2K bytes of EEPROM, 256 bytes of RAM, 32 I/O lines, programmable watchdog timer,
two data pointers, three 16-bit timer/counters, a six-vector, four-level interrupt architecture, a full
duplex serial port, on-chip oscillator, and clock circuitry. In addition, the AT89S8253 is designed
with static logic for operation down to zero frequency and supports two software selectable
power saving modes. The Idle Mode stops the CPU while allowing the RAM, timer/counters,
serial port, and interrupt system to continue functioning. The Power-down mode saves the RAM
contents but freezes the oscillator, disabling all other chip functions until the next external inter-
rupt or hardware reset.
The on-board Flash/EEPROM is accessible through the SPI serial interface. Holding RESET
active forces the SPI bus into a serial programming interface and allows the program memory to
be written to or read from, unless one or more lock bits have been activated.
2.
Pin Configurations
2.1
40P6 – 40-lead PDIP
2.2
44A – 44-lead TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
(T2) P1.0
(T2 EX) P1.1
P1.2
P1.3
(SS) P1.4
(MOSI) P1.5
(MISO) P1.6
(SCK) P1.7
RST
(RXD) P3.0
(TXD) P3.1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
(WR) P3.6
(RD) P3.7
XTAL2
XTAL1
GND
VCC
P0.0 (AD0)
P0.1 (AD1)
P0.2 (AD2)
P0.3 (AD3)
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EA/VPP
ALE/PROG
PSEN
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)
P2.4 (A12)
P2.3 (A11)
P2.2 (A10)
P2.1 (A9)
P2.0 (A8)
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
(MOSI) P1.5
(MISO) P1.6
(SCK) P1.7
RST
(RXD) P3.0
NC
(TXD) P3.1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EA/VPP
NC
ALE/PROG
PSEN
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com