Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612H Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4612H
Description  40V Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612H Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4612H Datasheet HTML 9Page - Semtech Corporation SC4612H Datasheet HTML 10Page - Semtech Corporation SC4612H Datasheet HTML 11Page - Semtech Corporation SC4612H Datasheet HTML 12Page - Semtech Corporation SC4612H Datasheet HTML 13Page - Semtech Corporation SC4612H Datasheet HTML 14Page - Semtech Corporation SC4612H Datasheet HTML 15Page - Semtech Corporation SC4612H Datasheet HTML 16Page - Semtech Corporation SC4612H Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SC4612H
3
Applications Information (continued)
PCB Layout Guidelines
Careful attention to layout is necessary for successful
implementation of the SC462H PWM controller.
High switching currents are present in the application
and their effect on ground plane voltage differentials
must be understood and minimized.
) The high power section of the circuit should be
laid out first. A ground plane should be used. The
number and position of ground plane interruptions
should not unnecessarily compromise ground plane
integrity.Isolatedorsemi-isolatedareasoftheground
plane may be deliberately introduced to constrain
ground currents to particular areas; for example, the
input capacitor and bottom FET ground.
2)The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q), and the Bottom FET (Q2) must be kept
as small as possible. This loop contains all the high
current, fast transition switching. Connections should
be as wide and as short as possible to minimize loop
inductance. Minimizing this loop area will a) reduce
EMI, b) lower ground injection currents, resulting
in electrically “cleaner” grounds for the rest of the
system and c) minimize source ringing, resulting in
more reliable gate switching signals.
3) The connection between the junction of Q, Q2
and the output inductor should be a wide trace or
copper region. It should be as short as practical. Since
this connection has fast voltage transitions, keeping
this connection short will minimize EMI. Also keep
the Phase connection to the IC short. Top FET gate
charge currents flow in this trace.
4) The Output Capacitor(s) (Cout) should be located
as close to the load as possible. Fast transient load
currents are supplied by Cout only, and therefore,
connections between Cout and the load must be
short, wide copper areas to minimize inductance and
resistance.
5) The SC462H is best placed over a quiet ground
plane area. Avoid pulse currents in the Cin, Q, Q2
loop flowing in this area. GND should be returned to
the ground plane close to the package and close to
the ground side of (one of) the output capacitor(s). If
this is not possible, the GND pin may be connected
to the ground path between the Output Capacitor(s)
and the Cin, Q, Q2 loop. Under no circumstances
should GND be returned to a ground inside the Cin,
Q, Q2 loop.
6) Allow adequate heat sinking area for the power
components. If multiple layers will be used, provide
sufficent vias for heat transfer.
Fig4: Current waveforms of buck power stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com