Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612HEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4612HEVB
Description  40V Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4612HEVB Datasheet HTML 5Page - Semtech Corporation SC4612HEVB Datasheet HTML 6Page - Semtech Corporation SC4612HEVB Datasheet HTML 7Page - Semtech Corporation SC4612HEVB Datasheet HTML 8Page - Semtech Corporation SC4612HEVB Datasheet HTML 9Page - Semtech Corporation SC4612HEVB Datasheet HTML 10Page - Semtech Corporation SC4612HEVB Datasheet HTML 11Page - Semtech Corporation SC4612HEVB Datasheet HTML 12Page - Semtech Corporation SC4612HEVB Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SC4612H
9
EN pin is used to set the Soft Start duration.
. . . . . . . . . . . . . . . . . . . . . ()
6
SS
SS
10
25
C
5
.
0
t
−
⋅
⋅
≈
Startup is inhibited until VDD input reaches the
UVLO threshold (typically 4.5V). Once VDD rises
above UVLO, the external soft start capacitor begins
to charge from an internal 25uA current source.
When the SS/EN pin reaches approximately 0.8V,
top side switching is enabled. However, a top side
pulse will not occur until SS/EN has charged up to
the level appropriate for the existing output voltage
(a pre bias condition). Once the first top side gate
pulse actually occurs, the bottom side driver is
enabled and the remainder of the startup is fully
synchronous. In the event of an over current during
startup, the SC462H behaves in the same manner
as an over current in steady state (see Over Current
Protection).
Oscillator Frequency Selection:
The internal oscillator sawtooth signal is generated
by charging an external capacitor with an internal
00μA current source.
Under Voltage Lock Out
Under Voltage Lock Out (UVLO) circuitry senses
the VDD through a voltage divider. If this signal
falls below 4.5V (typical) with a 400mV hysteresis
(typical), the output drivers are disabled. During the
thermal shutdown, the output drivers are disabled.
General Description
The SC462H is a versatile voltage mode synchronous
rectified buck PWM convertor, with an input supply
(VIN) ranging from 4.5V to 40V designed to control
and drive N-channel MOSFETs.
The power dissipation is controlled by allowing high
speed and integration with the high drive currents to
ensure low MOSFET switching loss. The synchronous
buck configuration also allows converter sinking
current from load without losing output regulation.
The internal reference is trimmed to 500mV with ±
% accuracy, and the output voltage can be adjusted
by an external resistor divider.
A fixed oscillator frequency (up to .2MHz) can be
programmed by an external capacitor for design
optimization.
Other features of the SC462H include:
Wide input power voltage range (from 4.5V to 40V),
low output voltages, externally programmable soft-
start, hiccup over current protection, wide duty cycle
range, thermal shutdown, and -40 to 25°C junction
operating temperature range.
Theory of Operation
Supplies:
Two pins (VDD and DRV) are used to power up the
SC462H. If input supply (Vin) is less than 0V, tie
DRV and VDD together. This DRV supply should be
bypassed with a low ESR 2.2uF (or greater) ceramic
capacitor directly at the DRV to GND pins of the
SC462H. The DRV supply also provides the bias
for the low and the high side MOSFET gate drive.
The maximum rating for DRV supply is 0V and for
applications where input supply is below 0V, it
should be connected directly to VDD. The internal
pass transistor will regulate the DRV from an external
supply connected to VDD to produce 7.8V typical at
the DRV pin.
Soft Start / Shut down:
The SC462H performs a “pre-bias” type startup. This
ensures that a pre-charged output capacitor will not
cause the SC462H to turn on the bottom FET during
startup to discharge it, as a normal synchronous buck
controller would do. An external capacitor on the SS/
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com