Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32671L Datasheet(PDF) 3 Page - EPCOS

Part # B32671L
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L Datasheet(HTML) 3 Page - EPCOS

  B32671L Datasheet HTML 1Page - EPCOS B32671L Datasheet HTML 2Page - EPCOS B32671L Datasheet HTML 3Page - EPCOS B32671L Datasheet HTML 4Page - EPCOS B32671L Datasheet HTML 5Page - EPCOS B32671L Datasheet HTML 6Page - EPCOS B32671L Datasheet HTML 7Page - EPCOS B32671L Datasheet HTML 8Page - EPCOS B32671L Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Overview of available types
Lead spacing 10 mm
15 mm
Type
B32671L
B32672L
Page
4
6
VRMS (V AC)
200
250
250
500
600
160
200
250
250
500
600
700
VR (V DC)
400
630
1000 1000 1600 250
420
630
1000 1300 1600 2000
CR (nF)
1.0
1.2
1.5
2.2
2.7
3.3
3.9
4.10
4.7
5.6
6.2
6.8
8.2
10
12
15
22
33
47
56
68
100
150
220
330
470
680
1000
B32671L ... B32672L
High V AC, high temperature (wound)
Page 3 of 31
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com