Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54213 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54213
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54213 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54213 Datasheet HTML 1Page - Intersil Corporation ISL54213 Datasheet HTML 2Page - Intersil Corporation ISL54213 Datasheet HTML 3Page - Intersil Corporation ISL54213 Datasheet HTML 4Page - Intersil Corporation ISL54213 Datasheet HTML 5Page - Intersil Corporation ISL54213 Datasheet HTML 6Page - Intersil Corporation ISL54213 Datasheet HTML 7Page - Intersil Corporation ISL54213 Datasheet HTML 8Page - Intersil Corporation ISL54213 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6663.0
March 26, 2008
Pinouts (Note 1)
ISL54213
(10 LD 2.1mmx1.6mm µTQFN)
TOP VIEW
ISL54213
(10 LD 3.0mmx3.0mm TDFN)
TOP VIEW
NOTE:
1. ISL54213 Switches Shown for IN = Logic “0” and CTRL = Logic “1”.
1
3
4
D-
COM -
L
IN
2
10
5
7
8
D+
COM +
R
9
6
VDD
LOGIC
CONTROL
4M
Ω
50k
Ω
50k
Ω
4M
Ω
2
4
5
D-
COM -
L
IN
3
7
8
D+
COM +
R
9
6
VDD
1
GND
10
CTRL
LOGIC
CONTROL
50k
Ω
50k
Ω
4M
Ω
4M
Ω
Truth Table
ISL54213
IN
CTRL
L, R
D+, D-
00
OFF
OFF
0
1
ON
OFF
1X
OFF
ON
IN, CTRL: Logic “0” when
≤ 0.5V or Floating, Logic “1” when ≥ 1.4V
with 2.7V to 3.6V Supply.
Pin Descriptions
PIN
NUMBER
NAME
FUNCTION
1
VDD
Power Supply
2
IN
Digital Control Input
3
COM-
Voice and Data Common Pin
4
COM+
Voice and Data Common Pin
5
GND
Ground Connection
6
R
Audio Right Input
7
L
Audio Left Input
8
D+
USB Differential Input
9
D-
USB Differential Input
10
CTRL
Digital Control Input (Audio Enable)
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL54213IRUZ-T
(Notes 3, 4)
GH
-40 to +85 10 Ld µTQFN L10.2.1x1.6A
ISL54213IRTZ-T
(Notes 2, 4)
4213
-40 to +85 10 Ld TDFN
L10.3x3A
ISL54213IRTZ
(Note 2)
4213
-40 to +85 10 Ld TDFN
L10.3x3A
NOTES:
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials and
100% matte tin plate PLUS ANNEAL - e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
4. Please refer to TB347 for details on reel specifications.
ISL54213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com