Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8170FSZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL8170FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8170FSZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL8170FSZ Datasheet HTML 5Page - Intersil Corporation EL8170FSZ Datasheet HTML 6Page - Intersil Corporation EL8170FSZ Datasheet HTML 7Page - Intersil Corporation EL8170FSZ Datasheet HTML 8Page - Intersil Corporation EL8170FSZ Datasheet HTML 9Page - Intersil Corporation EL8170FSZ Datasheet HTML 10Page - Intersil Corporation EL8170FSZ Datasheet HTML 11Page - Intersil Corporation EL8170FSZ Datasheet HTML 12Page - Intersil Corporation EL8170FSZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7490.1
March 9, 2006
FIGURE 27. EL8170 INPUT OFFSET VOLTAGE vs
TEMPERATURE @ VS = 2.9V
FIGURE 28. EL8173 INPUT OFFSET VOLTAGE vs
TEMPERATURE @ VS = 2.9V
FIGURE 29. EL8170 CMRR vs FREQUENCY
FIGURE 30. EL8173 CMRR vs FREQUENCY
FIGURE 31. EL8170 PSRR vs FREQUENCY
FIGURE 32. EL8173 PSRR vs FREQUENCY
Typical Performance Curves (Continued)
-750
-500
-250
0
250
500
-50
-25
0
25
50
75
100
125
TEMPERATURE (degrees C)
12 samples
Vs=2.9V
Average = 2.2uV/C
TEMPERATURE (°C)
-1500
-1000
-500
0
500
1000
1500
-50
-25
0
25
50
75
100
125
TEMPERATURE (degrees C)
12 samples
Vs=2.9V
Average = 1.38uV/C
TEMPERATURE (°C)
FREQUENCY (Hz)
120
110
100
90
80
70
60
50
40
1
10
100
1k
10k
100k
1M
GAIN=1000
GAIN=100
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
120
110
100
90
80
70
60
50
40
GAIN=1000
GAIN=100
GAIN=10
FREQUENCY (Hz)
120
110
100
90
80
70
60
50
40
1
10
100
1k
10k
100k
1M
PSRR-
PSRR+
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
100
90
80
70
60
50
40
PSRR-
PSRR+
30
20
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com