Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32656S7684564 Datasheet(PDF) 14 Page - EPCOS

Part # B32656S7684564
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684564 Datasheet(HTML) 14 Page - EPCOS

Back Button B32656S7684564 Datasheet HTML 10Page - EPCOS B32656S7684564 Datasheet HTML 11Page - EPCOS B32656S7684564 Datasheet HTML 12Page - EPCOS B32656S7684564 Datasheet HTML 13Page - EPCOS B32656S7684564 Datasheet HTML 14Page - EPCOS B32656S7684564 Datasheet HTML 15Page - EPCOS B32656S7684564 Datasheet HTML 16Page - EPCOS B32656S7684564 Datasheet HTML 17Page - EPCOS B32656S7684564 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Electrical specifications, ordering codes and packing units
VR
V DC
VRMS
f
≤1kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
IRMS
100 kHz
A
ESR
100 kHz
m
Ω
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1600 750
390 28.0
× 37.0 × 42.0 13
8.0
B32656S1394+561
T1
108
390 28.0
× 37.0 × 42.0 13
8.0
B32656S1394+562
T2
108
390 28.0
× 37.0 × 42.0 13
8.0
B32656S1394+563
T3
72
390 28.0
× 37.0 × 42.0 13
8.0
B32656S1394+566
T6
108
390 28.0
× 37.0 × 42.0 13
8.0
B32656S1394+577
T7
96
470 28.0
× 37.0 × 42.0 14
8.0
B32656S1474+561
T1
108
470 28.0
× 37.0 × 42.0 14
8.0
B32656S1474+562
T2
108
470 28.0
× 37.0 × 42.0 14
8.0
B32656S1474+563
T3
72
470 28.0
× 37.0 × 42.0 14
8.0
B32656S1474+566
T6
108
470 28.0
× 37.0 × 42.0 14
8.0
B32656S1474+577
T7
96
560 30.0
× 45.0 × 42.0 15
7.0
B32656S1564+561
T1
48
560 30.0
× 45.0 × 42.0 15
7.0
B32656S1564+562
T2
48
560 30.0
× 45.0 × 42.0 15
7.0
B32656S1564+563
T3
72
560 30.0
× 45.0 × 42.0 15
7.0
B32656S1564+566
T6
48
560 30.0
× 45.0 × 42.0 15
7.0
B32656S1564+577
T7
96
680 30.0
× 45.0 × 42.0 17
6.0
B32656S1684+561
T1
48
680 30.0
× 45.0 × 42.0 17
6.0
B32656S1684+562
T2
48
680 30.0
× 45.0 × 42.0 17
6.0
B32656S1684+563
T3
72
680 30.0
× 45.0 × 42.0 17
6.0
B32656S1684+566
T6
48
680 30.0
× 45.0 × 42.0 17
6.0
B32656S1684+577
T7
96
820 33.0
× 48.0 × 43.0 20
4.5
B32656S1824+561
T1
84
820 33.0
× 48.0 × 43.0 20
4.5
B32656S1824+562
T2
84
820 33.0
× 48.0 × 43.0 20
4.5
B32656S1824+563
T3
64
820 33.0
× 48.0 × 43.0 20
4.5
B32656S1824+566
T6
84
820 33.0
× 48.0 × 43.0 20
4.5
B32656S1824+577
T7
84
B32656S
Snubber (wound)
Page 14 of 31
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com