Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32656S7684565 Datasheet(PDF) 13 Page - EPCOS

Part # B32656S7684565
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684565 Datasheet(HTML) 13 Page - EPCOS

Back Button B32656S7684565 Datasheet HTML 9Page - EPCOS B32656S7684565 Datasheet HTML 10Page - EPCOS B32656S7684565 Datasheet HTML 11Page - EPCOS B32656S7684565 Datasheet HTML 12Page - EPCOS B32656S7684565 Datasheet HTML 13Page - EPCOS B32656S7684565 Datasheet HTML 14Page - EPCOS B32656S7684565 Datasheet HTML 15Page - EPCOS B32656S7684565 Datasheet HTML 16Page - EPCOS B32656S7684565 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Electrical specifications, ordering codes and packing units
VR
V DC
VRMS
f
≤1kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
IRMS
100 kHz
A
ESR
100 kHz
m
Ω
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1600 750
68 12.0
× 22.5 × 42.0 5
25.0
B32656S1683+563
T3
224
68 12.0
× 22.5 × 42.0 5
25.0
B32656S1683+564
T4
384
100 12.0
× 22.5 × 42.0 6
20.0
B32656S1104+563
T3
224
100 12.0
× 22.5 × 42.0 6
20.0
B32656S1104+564
T4
384
120 14.0
× 25.0 × 42.0 6
15.0
B32656S1124+563
T3
168
120 14.0
× 25.0 × 42.0 6
15.0
B32656S1124+564
T4
288
120 14.0
× 25.0 × 42.0 6
15.0
B32656S1124+565
T5
288
150 14.0
× 25.0 × 42.0 7
15.0
B32656S1154+563
T3
168
150 14.0
× 25.0 × 42.0 7
15.0
B32656S1154+564
T4
288
150 14.0
× 25.0 × 42.0 7
15.0
B32656S1154+565
T5
288
220 16.0
× 28.5 × 42.0 9
10.0
B32656S1224+561
T1
192
220 16.0
× 28.5 × 42.0 9
10.0
B32656S1224+562
T2
192
220 16.0
× 28.5 × 42.0 9
10.0
B32656S1224+563
T3
144
220 16.0
× 28.5 × 42.0 9
10.0
B32656S1224+564
T4
192
220 16.0
× 28.5 × 42.0 9
10.0
B32656S1224+565
T5
192
220 16.0
× 28.5 × 42.0 9
10.0
B32656S1224+566
T6
192
220 16.0
× 28.5 × 42.0 9
10.0
B32656S1224+577
T7
180
270 18.0
× 32.5 × 42.0 10
9.0
B32656S1274+561
T1
168
270 18.0
× 32.5 × 42.0 10
9.0
B32656S1274+562
T2
168
270 18.0
× 32.5 × 42.0 10
9.0
B32656S1274+563
T3
144
270 18.0
× 32.5 × 42.0 10
9.0
B32656S1274+564
T4
128
270 18.0
× 32.5 × 42.0 10
9.0
B32656S1274+565
T5
128
270 18.0
× 32.5 × 42.0 10
9.0
B32656S1274+566
T6
168
270 18.0
× 32.5 × 42.0 10
9.0
B32656S1274+577
T7
156
330 20.0
× 39.5 × 42.0 12
9.0
B32656S1334+561
T1
96
330 20.0
× 39.5 × 42.0 12
9.0
B32656S1334+562
T2
96
330 20.0
× 39.5 × 42.0 12
9.0
B32656S1334+563
T3
104
330 20.0
× 39.5 × 42.0 12
9.0
B32656S1334+564
T4
96
330 20.0
× 39.5 × 42.0 12
9.0
B32656S1334+565
T5
96
330 20.0
× 39.5 × 42.0 12
9.0
B32656S1334+566
T6
96
330 20.0
× 39.5 × 42.0 12
9.0
B32656S1334+577
T7
144
B32656S
Snubber (wound)
Page 13 of 31
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com