Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6301VCB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6301VCB
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301VCB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6301VCB Datasheet HTML 2Page - Intersil Corporation HIP6301VCB Datasheet HTML 3Page - Intersil Corporation HIP6301VCB Datasheet HTML 4Page - Intersil Corporation HIP6301VCB Datasheet HTML 5Page - Intersil Corporation HIP6301VCB Datasheet HTML 6Page - Intersil Corporation HIP6301VCB Datasheet HTML 7Page - Intersil Corporation HIP6301VCB Datasheet HTML 8Page - Intersil Corporation HIP6301VCB Datasheet HTML 9Page - Intersil Corporation HIP6301VCB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN9034.2
December 27, 2004
Typical Application - HIP6301V Controller with HIP6601B Gate Drivers
VID3
VID2
VID1
VID0
FB
+5V
COMP
PWM1
PWM2
ISEN2
PWM3
PWM4
ISEN4
VSEN
FS/DIS
ISEN1
ISEN3
GND
PGOOD
VCC
VCORE
MAIN
CONTROL
HIP6301V
VID4
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
HIP6301V, HIP6302V
HIP6301V, HIP6302V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com