Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6301VCBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6301VCBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301VCBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP6301VCBZ Datasheet HTML 3Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 4Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 5Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 6Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 7Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 8Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 9Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 10Page - Intersil Corporation HIP6301VCBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN9034.2
December 27, 2004
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Input, Output, or I/O Voltage . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5KV
Recommended Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Information
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
16 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
70
20 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
65
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. (See Tech Brief TB379 for details.)
2. VID input levels above 2.9V may produce an reference-voltage offset inaccuracy.
Electrical Specifications
Operating Conditions: VCC = 5V, TA = 0°C to 70°C, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY POWER
Input Supply Current
RT = 100kΩ
-10
15
mA
EN = 0V
4.25
8.8
4.5
mA
POR (Power-On Reset) Threshold
VCC Rising
4.25
4.38
4.5
V
VCC Falling
3.75
3.88
4.00
V
REFERENCE AND DAC
System Accuracy
Percent system deviation from programmed VID Codes
-0.8
-
0.8
%
DAC (VID0 - VID3) Input Low Voltage
DAC Programming Input Low Threshold Voltage
-
-
0.8
V
DAC (VID0 - VID3) Input High Voltage
DAC Programming Input High Threshold Voltage
2.0
-
-
V
VID Pull-Up
VIDx = 0V or VIDx = 2.5V (Note 2)
10
20
40
µA
CHANNEL GENERATOR
Frequency, FSW
RT = 100kΩ, ±1%
224
280
336
kHz
Adjustment Range
See Figure 10
0.05
-
1.5
MHz
Disable Voltage
Maximum voltage at FS/DIS to disable controller. IFS/DIS = 1mA.
-
1.2
1.0
V
ERROR AMPLIFIER
DC Gain
RL = 10K to ground
-
72
-
dB
Gain-Bandwidth Product
CL = 100pF, RL = 10K to ground
-
18
-
MHz
Slew Rate
CL = 100pF, RL = 10K to ground
-
5.3
-
V/
µs
Maximum Output Voltage
RL = 10K to ground
3.6
4.1
-
V
Minimum Output Voltage
RL = 10K to ground
-
0.16
0.5
V
ISEN
Full Scale Input Current
-50-
µA
Over-Current Trip Level
-82.5-
µA
POWER GOOD MONITOR
Under-Voltage Threshold
VSEN Rising
-
0.92
-
VDAC
Under-Voltage Threshold
VSEN Falling
-
0.90
-
VDAC
PGOOD Low Output Voltage
IPGOOD = 4mA
-
0.18
0.4
V
PROTECTION
Overvoltage Threshold
VSEN Rising
1.12
1.15
1.2
VDAC
HIP6301V, HIP6302V
HIP6301V, HIP6302V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com