Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6301VCBZA Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP6301VCBZA
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301VCBZA Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP6301VCBZA Datasheet HTML 9Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 10Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 11Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 12Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 13Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 14Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 15Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 16Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
FN9034.2
December 27, 2004
Current Sensing and Balancing
Overview
The HIP6301V and HIP6302V sample the on-state voltage
drop across each synchronous MOSFET, Q2, as an
indication of the inductor current in that phase, see Figure 9.
Neglecting AC effects (to be discussed later), the voltage
drop across Q2 is simply rDS(ON)(Q2) x inductor current (IL).
Note that IL, the inductor current, is either 1/2, 1/3, or 1/4 of
the total current (ILT), depending on how many phases are
in use.
The voltage at Q2’s drain, the PHASE node, is applied to the
RISEN resistor to develop the IISEN current through the ISEN
pin. This pin is held at virtual ground, so the current through
RISEN is
.
The IISEN current provides information to perform the
following functions:
1. Detection of an overcurrent condition
2. Reduce the regulator output voltage with increasing load
current (droop)
3. Balance the IL currents in multiple channels
Over-Current, Selecting RISEN
The current detected through the RISEN resistor is averaged
with the current(s) detected in the other 1, 2, or 3 channels.
The averaged current is compared with a trimmed, internally
generated current, and used to detect an overcurrent
condition.
The nominal current through the RISEN resistor should be
50
µA at full output load current, and the nominal trip point for
overcurrent detection is 165% of that value, or 82.5
µA.
Therefore,
.
For a full load of 25A per phase, and an rDS(ON) (Q2) of
4m
Ω, R
ISEN = 2kΩ.
The overcurrent trip point would be 165% of 25A, or ~ 41A
per phase. The RISEN value can be adjusted to change the
overcurrent trip point, but it is suggested to stay within ±25%
of nominal.
Droop, Selection of RIN
The average of the currents detected through the RISEN
resistors is also steered to the FB pin. There is no DC return
path connected to the FB pin except for RIN, so the average
FIGURE 9. SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM SHOWING CURRENT AND VOLTAGE SAMPLING
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
AVERAGING
CURRENT
FROM
OTHER
CHANNELS
SAWTOOTH
GENERATOR
+
DIFFERENCE
RISEN
+
CORRECTION
ERROR
AMPLIFIER
FB
COMP
REFERENCE
TO OTHER
CHANNELS
ISEN
RIN
RFB
Cc
VCORE
Q1
Q2
COMPARATOR
REFERENCE
TO OVER
CURRENT
TRIP
L01
PHASE
INDUCTOR
CURRENT(S)
FROM
OTHER
CHANNELS
PWM
IL
DAC
HIP6301V
VIN
ONLY ONE OUTPUT
HIP6601
-
-
STAGE SHOWN
-
+
SENSING
-
+
-
+
I
L
r
DS ON
() Q2
()
R
ISEN
------------------------------------
=
R
ISEN
I
L
()r
DS ON
() Q2
()
50
µA
----------------------------------------------
=
HIP6301V, HIP6302V
HIP6301V, HIP6302V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com