Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6595 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL6595
Description  Digital Multiphase Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL6595 Datasheet HTML 14Page - Intersil Corporation ISL6595 Datasheet HTML 15Page - Intersil Corporation ISL6595 Datasheet HTML 16Page - Intersil Corporation ISL6595 Datasheet HTML 17Page - Intersil Corporation ISL6595 Datasheet HTML 18Page - Intersil Corporation ISL6595 Datasheet HTML 19Page - Intersil Corporation ISL6595 Datasheet HTML 20Page - Intersil Corporation ISL6595 Datasheet HTML 21Page - Intersil Corporation ISL6595 Datasheet HTML 22Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN9192.2
December 4, 2008
oovp_limit [5:0]
Output overvoltage protect threshold. Tracking VID over
voltage threshold.
R/W
0.0mV
787.5mV
12.5mV
fault1_mask[12:0]
fault2_mask[12:0]
FAULT1, FAULT2 pin output masks. Inputs are enabled for
reporting when set to logic 1. If multiple inputs are selected,
output is “OR” of selected input signals.
15 = Current ADC over range
14 = Load current monitor
13 = Average total current fault
12 = NVM fault
11 = Internal bus fault
10 = IUVP
9 = OUVP
8 = OOVP
7 = VR_HOT alert
6 = VR_FAN alert
5 = External (thermistor) temp alert
4 = External (thermistor) temp shutdown
3 = Internal (PTAT) temp alert
2 = Internal (PTAT) temp shutdown
1 = MHz controller fault
0 = Calibration fault
shutdown_mask[10:0]
Shutdown control mask. Inputs are enabled for shutdown
when set to logic 1. If multiple inputs are selected, output is
“OR” of selected input signals.
11= Averal total current fault
10 = Total current fault during active regulation
9 = Total current fault during soft-start
8 = Individual phase current fault during active regulation
7 = Individual phase current fault during soft-start
6 = Current ADC over range fault
5 = IUVP
4 = OUVP
3 = OOVP
2 = Thermistor temp shutdown
1 = PTAT temp shutdown 0 = Calibration fault
0 = Calibration fault
R/W
ch_mask[6:1]
Channel mask. Selects number of active phases. Phases
must be selected in sequential order.
000011 = 2-phase operation
000111 = 3-phase operation
001111 = 4-phase operation
011111 = 5-phase operation
111111 = 6-phase operation
R/W
TABLE 4. KEY REGISTERS (Continued)
REGISTER
DESCRIPTION
FORMAT
RANGE
RESOLUTION
MIN
MAX
ISL6595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com