Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ583LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ583LS
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ583LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ583LS Datasheet HTML 1Page - Sanyo Semicon Device 2SJ583LS Datasheet HTML 2Page - Sanyo Semicon Device 2SJ583LS Datasheet HTML 3Page - Sanyo Semicon Device 2SJ583LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ583LS
No.6409–3/4
0--5
10
--10
10000
100
7
5
3
2
1000
7
5
3
2
7
5
3
2
--15
--20
--25
--30
Ciss, Coss, Crss -- VDS
f=1MHz
1.0
--0.1
23
5
7
23
5
7
--1.0
10
7
5
3
2
100
7
5
3
2
1000
7
5
3
2
--10
SW Time -- ID
VDD= --100V
VGS= --10V
Ciss
Coss
Crss
td(on)
td(off)
tr
tf
IT01491
IT01492
0
0
--1
--2
--3
--4
--5
--6
--7
--8
12
10
68
18
16
14
24
--9
--10
VGS -- Qg
VDS= --100V
ID= --3.5A
IT01493
A S O
100ms
DC
operation
10µ
s
100
µs
1ms
10ms
IDP= --14A
ID= --3.5A
2
3
5
7
2
3
5
7
--1.0
2
3
5
7
--10
2
3
5
7
--100
--0.1
--0.01
23
5
7
23
5
7
2
3
5
7
--1.0
--10
--100
--1000
IT01494
Operation in this
area is limited by RDS(on).
0
0
20
40
60
5
10
15
80
100
120
20
25
30
140
160
PD -- Tc
IT01495
0
0
20
40
60
0.5
1.0
80
100
120
1.5
2.0
2.5
140
160
PD -- Ta
IT01496
IT01489
IT01490
0.1
--0.1
23
5
7
23
5
7
--1.0
10
1.0
7
5
3
2
7
5
3
2
--10
VDS= --10V
75
°C
25°
C
Tc=
--25
°C
0
--0.3
--0.6
--0.9
--1.2
--0.01
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
7
5
3
2
IF -- VSD
VGS = 0
Drain-to-Source Voltage, VDS –V
Drain Current, ID –A
Ambient Temperature, Ta – ˚C
Drain-to-Source Voltage, VDS –V
Tc=25
°C
Single pulse
Case Temperature, Tc – ˚C
yfs -- ID
Drain Current, ID –A
Total Gate Charge, Qg – nC
Diode Forward Voltage, VSD –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com