Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ585LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ585LS
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ585LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ585LS Datasheet HTML 1Page - Sanyo Semicon Device 2SJ585LS Datasheet HTML 2Page - Sanyo Semicon Device 2SJ585LS Datasheet HTML 3Page - Sanyo Semicon Device 2SJ585LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ585LS
No.6412–2/4
Continued from preceding page.
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
Ω
G
S
ID= --3.5A
RL=28.6Ω
VDD= --100V
VOUT
2SJ585LS
VIN
D
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
2
–
=0
2
7F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
2
–
=0
9
1F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
2
–
=0
8F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Ttd
)
f
f
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
7s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S7
3s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
5
.
6
–
=5
3C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
5
.
6
–
=6
C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
5
.
6
–
=8
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
5
.
6
–
=
S
G
0
=9
.
0
–5
.
1
–V
Marking : J585
0
--2
--4
--6
--8
--10
--1
--3
--5
--7
--9
0
--2
--1
--3
--5
--4
--6
--7
--8
--9
--10
--11
--12
--13
Gate-to-Source Voltage, VGS –V
ID -- VGS
VDS= --10V
0
0
--1
--2
--3
--10
--6
--5
--2
--4
--9
--8
--7
--4
--6
--8
--10
--1
--3
--5
--7
--9
Drain-to-Source Voltage, VDS –V
ID -- VDS
--7V
--6V
--5V
Case Temperature, Tc – ˚C
RDS(on) -- Tc
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
--4
--6
--8
--10
--12
--14
--16
--18
--20
Gate-to-Source Voltage, VGS –V
RDS(on) -- VGS
Tc=25
°C
ID= --3.5A
VGS= --10V
ID= --3.5A
75°C
IT01509
IT01510
IT01511
IT01512
0
0.2
0.4
0.6
0.8
1.0
1.2
--50
--25
0
25
50
75
100
125
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com