Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7900ILCZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7900ILCZ
Description  Ambient Light Photo Detect IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7900ILCZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL7900ILCZ Datasheet HTML 1Page - Intersil Corporation EL7900ILCZ Datasheet HTML 2Page - Intersil Corporation EL7900ILCZ Datasheet HTML 3Page - Intersil Corporation EL7900ILCZ Datasheet HTML 4Page - Intersil Corporation EL7900ILCZ Datasheet HTML 5Page - Intersil Corporation EL7900ILCZ Datasheet HTML 6Page - Intersil Corporation EL7900ILCZ Datasheet HTML 7Page - Intersil Corporation EL7900ILCZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN7377.8
September 18, 2009
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VSD and GND . . . . . . . . . . . . . . . . . . . .6V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . 6mA
ESD Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal resistance (Typical, Note 1)
θJA (°C/W)
ODFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTE:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379
Electrical Specifications
VCC = 3V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VDD
Power Supply Range
2.7
5.5
V
ICC1
Supply Current
RL = 1kΩ, EV = 100lux
68
µA
EV = 0lux
1
µA
ICC2
Supply Current When Disabled
EN = VHI
0.5
µA
IL1
Light Current
EV = 100lux
40
62.5
85
µA
IL2
Light Current
EV = 10lux
6.2
µA
ILEAK
Dark Current
EV = 0lux
10
pA
VO(MAX)
Maximum Output Compliance Voltage
at 95% of nominal output current, EV = 100lux
2.7
V
tR
Rise Time (Note 2)
RL = 5kΩ, EV = 300lux
105
µs
RL = 1kΩ, EV = 1000lux
64
µs
tF
Fall Time (Note 2)
RL = 5kΩ, EV = 300lux
170
µs
RL = 1kΩ, EV = 1000lux
77
µs
tD
Delay Time for Rising Edge (Note 2)
RL = 5kΩ, EV = 300lux
165
µs
RL = 1kΩ, EV = 1000lux
112
µs
tS
Delay Time for Falling Edge (Note 2)
RL = 5kΩ, EV = 300lux
65
µs
RL = 1kΩ, EV = 1000lux
33
µs
VLO
Maximum Voltage at EN Pin to Enable
0.6
V
VHI
Minimum Voltage at EN Pin to Disable
1.8
V
ILO
Input Current at EN Pin
VEN = 0V
0.01
µA
IHI
Input Current at EN Pin
VEN = 3V
2
µA
tEN
Enable Time
EV = 200lux
140
µs
tDIS
Disable Time
EV = 200lux
2
µs
NOTES:
2. Switching time measurement is based on Figures 1 and 2.
3. Fluorescent light is substituted by Green LED during production
EL7900



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com