Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ591LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ591LS
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ591LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ591LS Datasheet HTML 1Page - Sanyo Semicon Device 2SJ591LS Datasheet HTML 2Page - Sanyo Semicon Device 2SJ591LS Datasheet HTML 3Page - Sanyo Semicon Device 2SJ591LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ591LS
No.7150-3/4
0
102030405060708090
100
10000
2
7
5
3
1000
2
7
5
3
100
--0.4
--0.6
--0.8
--1.0
--1.2
--0.2
2
--100
7
5
3
--10
2
7
5
3
--1.0
2
7
5
3
--0.1
2
7
5
3
--0.01
--0.001
23 5 7
--0.01
23 5 7
--0.1
23 5 7
--1.0
23 5 7
--10
23 5 7
--100
2
100
7
5
3
10
2
7
5
3
1.0
2
7
5
3
0.1
2
7
5
3
0.01
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.5
2.0
PD -- Ta
IT04169
0
--10
--20
--30
--40
--50
--70
--60
IT04166
Ciss, Coss, Crss -- VDS
IT04164
IF -- VSD
IT04163
yfs -- ID
SW Time -- ID
IT04165
0
--2
--4
--6
--8
--12
--10
VGS -- Qg
IT04167
VDS= --10V
ID= --28A
VDS= --10V
VGS=0
f=1MHz
Tc=
--25
°C
75°
C
--0.1
23
5 7
--1.0
23
5 7
--10
23
5 7
--100
1000
2
7
5
3
100
2
7
5
3
10
td(on)
td(off)
tr
tf
Ciss
Crss
Coss
2
--100
2
7
5
3
2
7
5
3
2
7
5
3
--10
--1.0
--0.1
IT04168
A S O
--0.1
2
3
57
2
3
57
2
3
57
--1.0
--10
--100
DC
Operation
100
µ
s
1ms
10ms
100ms
IDP= --112A
ID= --28A
Operation in this
area is limited by RDS(on).
25°
C
10
µs
IT04170
0
PD -- Tc
0
20
40
60
80
100
120
140
160
5
35
30
25
20
15
10
40
VDD= --30V
VGS= --10V
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
Drain-to-Source Voltage, VDS -- V
No
heat
sink
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com