Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-26CLV32RH Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS-26CLV32RH
Description  Radiation Hardened 3.3V Quad Differential Line Receiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-26CLV32RH Datasheet(HTML) 2 Page - Intersil Corporation

  HS-26CLV32RH Datasheet HTML 1Page - Intersil Corporation HS-26CLV32RH Datasheet HTML 2Page - Intersil Corporation HS-26CLV32RH Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Die Characteristics
DIE DIMENSIONS:
84 mils x 130 mils x 21 mils
(2140
µm x 3290µm)
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorus Silicon Glass)
Thickness: 8k
Å
± 1kÅ
Substrate:
AVLSI1RA, Silicon backside, VDD backside potential
Metallization:
Bottom: Mo/Tiw
Thickness: 5800
Å
±1kÅ
Top: Al/Si/Cu
Thickness: 10k
Å
±1kÅ
Worst Case Current Density:
<2.0 x 105A/cm2
Bond Pad Size:
110
µm x 100µm
Metallization Mask Layout
HS-26CLV32RH
AIN
VDD
BIN
AIN (2)
AOUT (3)
ENAB (4)
COUT (5)
CIN (6)
(8)
(9)
(14) BIN
(13) BOUT
(12) ENAB
(11) DOUT
(10) DIN
(1)
(16)
(15)
(7)
CIN
GND
DIN
HS-26CLV32RH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com