Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3C5 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP3C5
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C5 Datasheet(HTML) 4 Page - Altera Corporation

  EP3C5 Datasheet HTML 1Page - Altera Corporation EP3C5 Datasheet HTML 2Page - Altera Corporation EP3C5 Datasheet HTML 3Page - Altera Corporation EP3C5 Datasheet HTML 4Page - Altera Corporation EP3C5 Datasheet HTML 5Page - Altera Corporation EP3C5 Datasheet HTML 6Page - Altera Corporation EP3C5 Datasheet HTML 7Page - Altera Corporation EP3C5 Datasheet HTML 8Page - Altera Corporation EP3C5 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1–4
Chapter 1: Cyclone III Device Data Sheet
Electrical Characteristics
Cyclone III Device Handbook, Volume 2
© January 2010
Altera Corporation
Figure 1–1 shows the methodology to determine the overshoot duration.
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
Cyclone III devices. The steady-state voltage and current values expected from
Cyclone III devices are provided in Table 1–3. All supplies must be strictly monotonic
without plateaus.
Figure 1–1. Cyclone III Devices Overshoot Duration
3.3 V
4.1 V
4.2 V
T
ΔT
Table 1–3. Cyclone III Devices Recommended Operating Conditions
(Note 1), (2) (Part 1 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
CCINT (3)
Supply voltage for internal logic
—
1.15
1.2
1.25
V
V
CCIO (3), (4)
Supply voltage for output buffers, 3.3-V
operation
—
3.135
3.3
3.465
V
Supply voltage for output buffers, 3.0-V
operation
—
2.85
3
3.15
V
Supply voltage for output buffers, 2.5-V
operation
—
2.375
2.5
2.625
V
Supply voltage for output buffers, 1.8-V
operation
—
1.71
1.8
1.89
V
Supply voltage for output buffers, 1.5-V
operation
—
1.425
1.5
1.575
V
Supply voltage for output buffers, 1.2-V
operation
—
1.14
1.2
1.26
V
V
CCA (3)
Supply (analog) voltage for PLL
regulator
—
2.375
2.5
2.625
V
V
CCD_PLL (3)
Supply (digital) voltage for PLL
—
1.15
1.2
1.25
V
V
I
Input voltage
—
–0.5
—
3.6
V
V
O
Output voltage
—
0
—
V
CC IO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com