Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2759 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) LM2759 Datasheet HTML 10Page - National Semiconductor (TI) LM2759 Datasheet HTML 11Page - National Semiconductor (TI) LM2759 Datasheet HTML 12Page - National Semiconductor (TI) LM2759 Datasheet HTML 13Page - National Semiconductor (TI) LM2759 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SETTING LED CURRENT
The current through the LED is set by programming the ap-
propriate register with the desired current level code for Flash
and Torch. The time that Flash mode is active is dependent
on the lesser of the duration that it is set to "ON" (via I2C or
the Strobe pin), or the duration of the Flash Timeout. Use the
tables below to select the desired current level.
Using the part in conditions where the junction temperature
might rise above the rated maximum requires that the oper-
ating ranges and/or conditions be de-rated. The printed circuit
board also must be carefully laid out to account for high ther-
mal dissipation in the part.
Flash Current Table (Reg xB0)
CODE (Hex)
FLASH CURRENT (mA)
00
80
01
150
02
220
03
280
04
350
05
410
06
470
07
530
08
590
09
650
0A
710
0B
770
0C
830
0D
890
0E
950
0F
1010
Torch Current Table (Reg xA0)
CODE (Hex)
TORCH CURRENT (mA)
00
15
01
30
02
40
03
50
04
65
05
80
06
90
07
100
08
110
09
120
0A
130
0B
140
0C
150
0D
160
0E
170
0F
180
FLASH TIME-OUT FEATURE
Time-out Protection Circuitry disables the current sink when
either the Strobe pin is held at logic high or the Flash mode is
enabled via the I2C compatible interface longer than the pro-
grammed timeout duration. This prevents the device from
self-heating due to the high power dissipation during Flash
conditions. During the time-out condition, voltage will still be
present on V
OUT but the current sink will be shut off, resulting
in no current through the Flash LED. When the device goes
into a time-out condition, disabling and then re-enabling the
device will reset the time-out. Use the table below to set the
desired Flash timeout duration.
Flash Timeout Duration (Reg xC0)
CODE (Hex)
TIME (ms)
00
60
01
125
02
250
03
375
04
500
05
625
06
750
07
1100
CAPACITOR SELECTION
The LM2759 requires 4 external capacitors for proper opera-
tion. Surface-mount multi-layer ceramic capacitors are rec-
ommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR <20 m
Ω
typ.). Tantalum capacitors, OS-CON capacitors, and alu-
minum electrolytic capacitors are not recommended for use
with the LM2759 due to their high ESR, as compared to ce-
ramic capacitors. For most applications, ceramic capacitors
with X7R or X5R temperature characteristic are preferred for
use with the LM2759. These capacitors have tight capaci-
tance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15%
over -55°C to 85°C). Capacitors with Y5V or Z5U temperature
characteristic are generally not recommended for use with the
LM2759. Capacitors with these temperature characteristics
typically have wide capacitance tolerance (+80%, -20%) and
vary significantly over temperature (Y5V: +22%, -82% over
-30°C to +85°C range; Z5U: +22%, -56% over +10°C to +85°
C range). Under some conditions, a nominal 1
μF Y5V or Z5U
capacitor could have a capacitance of only 0.1
μF. Such detri-
mental deviation is likely to cause Y5V and Z5U capacitors to
fail to meet the minimum capacitance requirements of the
LM2759. The voltage rating of the output capacitor should be
6.3V or more. For example, a 6.3V 0603 4.7
μF output ca-
pacitor (TDK C1608X5R0J475) is acceptable for use with the
LM2759, as long as the capacitance on the output does not
fall below a minimum of 3
μF in the intended application. All
other capacitors should have a voltage rating at or above the
maximum input voltage of the application and should have a
minimum capacitance of 1
μF.
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com