Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3445
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3445 Datasheet HTML 9Page - National Semiconductor (TI) LM3445 Datasheet HTML 10Page - National Semiconductor (TI) LM3445 Datasheet HTML 11Page - National Semiconductor (TI) LM3445 Datasheet HTML 12Page - National Semiconductor (TI) LM3445 Datasheet HTML 13Page - National Semiconductor (TI) LM3445 Datasheet HTML 14Page - National Semiconductor (TI) LM3445 Datasheet HTML 15Page - National Semiconductor (TI) LM3445 Datasheet HTML 16Page - National Semiconductor (TI) LM3445 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
30060323
FIGURE 11. LM3445 Buck Regulation Circuit
OVERVIEW OF CONSTANT OFF-TIME CONTROL
A buck converter’s conversion ratio is defined as:
Constant off-time control architecture operates by simply
defining the off-time and allowing the on-time, and therefore
the switching frequency, to vary as either V
IN or VO changes.
The output voltage is equal to the LED string voltage (V
LED),
and should not change significantly for a given application.
The input voltage or V
BUCK in this analysis will vary as the
input line varies. The length of the on-time is determined by
the sensed inductor current through a resistor to a voltage
reference at a comparator. During the on-time, denoted by
t
ON, MOSFET switch Q2 is on causing the inductor current to
increase. During the on-time, current flows from V
BUCK,
through the LEDs, through L2, Q2, and finally through R3 to
ground. At some point in time, the inductor current reaches a
maximum (I
L2-PK) determined by the voltage sensed at R3 and
the ISNS pin. This sensed voltage across R3 is compared
against the voltage of dim decoder output, FLTR2, at which
point Q2 is turned off by the controller.
30060325
FIGURE 12. Inductor Current Waveform in CCM
During the off-period denoted by t
OFF, the current through L2
continues to flow through the LEDs via D10.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com