Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B39431-R850-H210 Datasheet(PDF) 3 Page - EPCOS

Part # B39431-R850-H210
Description  SAW Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39431-R850-H210 Datasheet(HTML) 3 Page - EPCOS

  B39431-R850-H210 Datasheet HTML 1Page - EPCOS B39431-R850-H210 Datasheet HTML 2Page - EPCOS B39431-R850-H210 Datasheet HTML 3Page - EPCOS B39431-R850-H210 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Aug 21, 2002
SAW Components
R 850
433,94 MHz
Resonator
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
1) Center frequency is defined as maximum of the real part of the admittance
2) If used in two port configuration (pin 1-input, pin 3-output) C0 is reduced by approx. 0,3 pF.
3)Temperature dependence of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Center frequency 1)
fc
433,89
433,94
433,99
MHz
Minimum insertion attenuation
α
min
1,2
1,5
dB
Unloaded quality factor
QU
8000
13800
Ageing of
fc
–10/+50 ppm
Equivalent circuit elements
Motional capacitance
C1
2,066
fF
Motional inductance
L1
65,11
µH
Motional resistance
R1
—13
18
Parallel capacitance 2)
C0
2,7
pF
Temperature coefficient of frequency 3)
TCf
–0,032
ppm/K2
Turnover temperature
T0
15
25
35
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com