Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S30-A150X Datasheet(PDF) 2 Page - EPCOS

Part # S30-A150X
Description  SURGE ARRESTER 2-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S30-A150X Datasheet(HTML) 2 Page - EPCOS

  S30-A150X Datasheet HTML 1Page - EPCOS S30-A150X Datasheet HTML 2Page - EPCOS S30-A150X Datasheet HTML 3Page - EPCOS S30-A150X Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X6071T203
2-electrode arrester
S30-A150X
KB AB E / KB AB PM
Issue 04 / 2007-10-09
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Extremely small size
Very fast response time
Stable performance over life
Very low capacitance
High insulation resistance
Excellent SMD handling
RoHS-compatible
PCI cards
Modem
Splitter
Line cards
Applications with limited space
Electrical specifications
DC spark-over voltage
1) 2)
150
± 30
V
%
Impulse spark-over voltage
at 100 V/µs
at 1 kV/µs
< 500
< 600
V
V
Service life
3) 4)
10 operations
50 Hz, 1 s
2
A
100 operations
8/20 µs
100
A
10 operations
[5x (+) & 5x (-)]
8/20 µs
2
kA
100 operations [50x (+) & 50x (-)]
10/1000µs
10
A
Insulation resistance at 50 Vdc
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 10
< 1.0
~ 60
V
A
V
Weight
~ 0.2
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, without
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
Tests according to ITU-T Rec. K. 12 and UL 497B
4)
After service life:
Impulse spark-over voltage at 1 kV/µs < 700 V
Terms and current waveforms in accordance with:
ITU-T Rec. K. 12; IEC 61643-21 and DIN 57845 / VDE0845



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com