Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2711 Datasheet(PDF) 2 Page - EPCOS

Part # R2711
Description  SAW Components SAW resonator Short range devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R2711 Datasheet(HTML) 2 Page - EPCOS

  R2711 Datasheet HTML 1Page - EPCOS R2711 Datasheet HTML 2Page - EPCOS R2711 Datasheet HTML 3Page - EPCOS R2711 Datasheet HTML 4Page - EPCOS R2711 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
May 22, 2009
R2711
868.35 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW resonator
Data sheet
Application
s
2-port resonator
s
nominal 180˚- phase at resonance
s
Provides reliable, fundamental mode, quartz
frequency stabilization i.e. in transmitters or local
oscillators
Features
s
Package size 5.0 x 5.0 x 1.35 mm3
s
Package code QCC8C
s
RoHS compatible
s
Approximate weight 0.1 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
Protection layer Protec
s
AEC-Q200 qualified component family
s
Electrostactic Sensitive Device (ESD)
Pin configuration
2
Input / Ouptput
6
Output / Input
3
Ground (Input / Output)
7
Ground (Output / Input)
4,8
Ground (case)
1,5
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com