Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82803 Datasheet(PDF) 3 Page - EPCOS

Part # B82803
Description  xDSL splitter transformers EP 7 core inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82803 Datasheet(HTML) 3 Page - EPCOS

  B82803 Datasheet HTML 1Page - EPCOS B82803 Datasheet HTML 2Page - EPCOS B82803 Datasheet HTML 3Page - EPCOS B82803 Datasheet HTML 4Page - EPCOS B82803 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
xDSL splitter transformers
EP 7 core inductors
B82803
IN TCF PMD NA
2010-06-01
Please read Cautions and warnings and
Page 3 of 5
Important notes at the end of this document
.
Technical data and measuring conditions
Main inductance L (1-8)
10 kHz, 100 mV, short 4-5
Main inductance tolerance
±10%
Turns ratio N1 : N2
1 : 1
Inductance decrease with DC-bias L (1-8), IDC= 100 mA
2% (typical)
Inductance match L (1-4) / L (5-8)
≤ 1%
Interwinding capacitance: Ci (1,4 – 5,8)
100 kHz, 100 mV
Test voltage Vtest
50 Hz, 1s; N1 against N2
Resistance RDC (N1 + N2)
short 4-5
Stray inductance Lstray (1-5)
100 kHz, 100 mV, short 5-8
Operating temperature range
–40 … +85 °C
Weight
Approx. 2.0 g
Electrical specifications and ordering codes
L
mH
RDC (typ.)
Ω
Lstray (typ.)
µH
Ci (typ.)
pF
Vtest
V
Ordering code
1
0.8
0.7
33
1500
B82803A0105A007
1.5
1.4
1.4
37
1500
B82803A0155A007
2.2
2.4
2.7
40
1500
B82803A0225A007
2.7
3.6
2.9
45
1500
B82803A0275A007
3.3
5.0
4.0
45
1000
B82803A0335A007
4.7
5.8
5.3
45
1000
B82803A0475A007
6.8
9.8
10.0
45
1000
B82803A0685A007
10
20.0
13.0
45
800
B82803A0106A007



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com