Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80-A90XF Datasheet(PDF) 2 Page - EPCOS

Part # T80-A90XF
Description  SURGE ARRESTER 3-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T80-A90XF Datasheet(HTML) 2 Page - EPCOS

  T80-A90XF Datasheet HTML 1Page - EPCOS T80-A90XF Datasheet HTML 2Page - EPCOS T80-A90XF Datasheet HTML 3Page - EPCOS T80-A90XF Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X6281B502
3-electrode arrester
T80-A90XF
KB AB E / KB AB PM
Issue 01 / 2006-09-20
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Standard size
Fast response time
High current rating
Stable performance over life
Very low capacitance
High insulation resistance
Reliable failsafe device
RoHS-compatible
Branch exchange (MDF)
Line protection
Station protection
Electrical specifications
DC spark-over voltage
1) 2) 4)
90
± 20
V
%
Impulse spark-over voltage
4)
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 400
< 300
< 550
< 450
V
V
V
V
Service life
10 operations
50 Hz, 1 s
5)
10
A
1 operations
50 Hz, 0.18 s (9 cycles)
5)
40
A
10 operations
8/20 µs
5)
10
kA
1 operation
8/20 µs
5)
15
kA
1 operation
10/350 µs
5)
2
kA
Insulation resistance at 50 Vdc
4)
> 10
G
Ω
Capacitance at 1 MHz
4)
< 1.5
pF
Transverse delay time
3)
< 0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 35
< 1
~ 200
V
A
V
Weight
~ 2.2
g
Storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, red negative
90 YY O
90
- Nominal voltage
YY
- Year of production
O
- Non radioactive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com