Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T30-A350X Datasheet(PDF) 2 Page - EPCOS

Part # T30-A350X
Description  SURGE ARRESTER 3-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T30-A350X Datasheet(HTML) 2 Page - EPCOS

  T30-A350X Datasheet HTML 1Page - EPCOS T30-A350X Datasheet HTML 2Page - EPCOS T30-A350X Datasheet HTML 3Page - EPCOS T30-A350X Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X2261B252
3-electrode arrester
T31-A90X
KB AB E / KB AB PM
Issue 03 / 2007-03-29
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Very small size
Extremely fast response time
High current rating
Stable performance over life
Extremely low capacitance
High insulation resistance
RoHS-compatible
Modem
Data lines
Electrical specifications
DC spark-over voltage
1) 2) 4)
90
± 20
V
%
Impulse spark-over voltage
4)
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 450
< 300
< 500
< 380
V
V
V
V
Service life
10 operations
50 Hz; 1 s
5)
10
A
1 operation
50 Hz; 0.18 s (9 cycles)
5)
30
A
10 operations [5x (+) & 5x (-)]
8/20 µs
5)
10
kA
1 operation
8/20 µs
5)
12
kA
2 operations
10/350 µs
5)
5
kA
Insulation resistance at 50 Vdc
4)
> 10
G
Ω
Capacitance at 1 MHz
4)
< 1.5
pF
Transverse delay time
3)
< 0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 10
~ 1
~ 60
V
A
V
Weight
~ 1.4
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
90 YY O
90
- Nominal voltage
YY
- Year of production
O
- Non radioactive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com