Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V13-A500X Datasheet(PDF) 2 Page - EPCOS

Part # V13-A500X
Description  SURGE ARRESTER 2-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

V13-A500X Datasheet(HTML) 2 Page - EPCOS

  V13-A500X Datasheet HTML 1Page - EPCOS V13-A500X Datasheet HTML 2Page - EPCOS V13-A500X Datasheet HTML 3Page - EPCOS V13-A500X Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X4390C251
2-electrode arrester
V13-A500X
KB AB E / KB AB PM
Issue 05 / 2008-01-17
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Standard size
Maximum current rating
Fast response time
Stable performance over life
Very low capacitance
High insulation resistance
RoHS compatible
AC power lines
Class II (class C) - requirements
Electrical specifications
DC spark-over voltage
1) 2)
400 ... 600
V
Impulse spark-over voltage
- at 1.2/50 µs, 6 kV, for 99 % of measured values
< 1500
V
Response time
- typical values
< 100
< 20
ns
ns
Insulation resistance at 100 Vdc
> 1
G
Ω
Class II according to EN61643-11
Max. continuous operating voltage at 50/60 Hz
Uc
Nominal discharge current 8/20 µs
In
Maximum discharge current 8/20 µs
Imax
Follow current at 50/60 Hz
If
255
20
40
100
Vrms
kA
kA
Arms
AC discharge current (TOV
3))
1 operation
50 Hz, 0.2 s
300
A
Weight
~ 8
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, black positive
500 YY O
500
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
TOV – Temporary over voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com