Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4951ASD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4951ASD
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951ASD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4951ASD Datasheet HTML 10Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 11Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 12Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 13Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 14Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 15Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 16Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 17Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
is as near to GND as possible. A voltage that is greater than
GND may increase the shutdown current.
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Two quantities determine the value of the input coupling ca-
pacitor: the lowest audio frequency that requires amplification
and desired output transient suppression.
As shown in Figure 1, the input resistor (R
i) and the input ca-
pacitor (C
i) create a high-pass filter. The cutoff frequency can
be found using Equation (6).
f
c = 1/2πRiCi
(Hz)
(6)
As an example when using a speaker with a low frequency
limit of 50Hz, C
i, using Equation (6) is 0.159µF with Ri set to
20k
Ω. The values for C
i and Ri shown in Figure 1 allow the
LM4951A to drive a high efficiency, full range speaker whose
response extends down to 20Hz.
Selecting Value A For R
C
The LM4951A is designed for very fast turn on time. The
C
CHG pin allows the input capacitor to charge quickly to im-
prove click/pop performance. R
C protects the CCHG pin from
any over/under voltage conditions caused by excessive input
signal or an active input signal when the device is in shut-
down. The recommended value for R
C is 1kΩ. If the input
signal is less than V
DD+0.3V and greater than -0.3V, and if the
input signal is disabled when in shutdown mode, R
C may be
shorted out.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The LM4951A contains circuitry that eliminates turn-on and
shutdown transients ("clicks and pops"). For this discussion,
turn-on refers to either applying the power supply voltage or
when the micro-power shutdown mode is deactivated.
As the V
DD/2 voltage present at the BYPASS pin ramps to its
final value, the LM4951A's internal amplifiers are configured
as unity gain buffers. An internal current source charges the
capacitor connected between the BYPASS pin and GND in a
controlled manner. Ideally, the input and outputs track the
voltage applied to the BYPASS pin.
The gain of the internal amplifiers remains unity until the volt-
age on the bypass pin reaches V
DD/2. As soon as the voltage
on the bypass pin is stable, there is a delay to prevent unde-
sirable output transients (“click and pops”). After this delay,
the device becomes fully functional.
THERMAL SHUTDOWN AND SHORT CIRCUIT
PROTECTION
The LM4951A has thermal shutdown and short circuit pro-
tection to fully protect the device. The thermal shutdown
circuit is activated when the die temperature exceeds a safe
temperature. The short circuit protection circuitry senses the
output current. When the output current exceeds the thresh-
old under a short condition, a short will be detected and the
output deactivated until the short condition is removed. If the
output current is lower than the threshold then a short will not
be detected and the outputs will not be deactivated. Under
such conditions the die temperature will increase and, if the
condition persist to raise the die temperature to the thermal
shutdown threshold, initiate a thermal shutdown response.
Once the die cools the outputs will become active.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 2–4 show the recommended two-layer PC board lay-
out that is optimized for the SD10A. This circuit is designed
for use with an external 7.5V supply 8
Ω (min) speakers.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com