Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48556 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48556
Description  Fully Differential, Mono, Ceramic Speaker Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48556 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM48556 Datasheet HTML 9Page - National Semiconductor (TI) LM48556 Datasheet HTML 10Page - National Semiconductor (TI) LM48556 Datasheet HTML 11Page - National Semiconductor (TI) LM48556 Datasheet HTML 12Page - National Semiconductor (TI) LM48556 Datasheet HTML 13Page - National Semiconductor (TI) LM48556 Datasheet HTML 14Page - National Semiconductor (TI) LM48556 Datasheet HTML 15Page - National Semiconductor (TI) LM48556 Datasheet HTML 16Page - National Semiconductor (TI) LM48556 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Bill Of Materials
Component
Description
Designator
Footprint
Quantity
LM48556TL
LM48556TL
LM48556TL
LM48556TL
1
Capacitor
4.7μF, ceramic, low ESR (<0.1Ω) 16V,
-40°C to +85°C
C1
CR3216-1206
1
Capacitor
82μF, 16V, -40°C to +85°C
C
F+
CR2012-0805
1
Capacitor
82μF, 16V, -40°C to +85°C
C
F-
CR2012-0805
1
Capacitor
0.47μF, 16V, -40°C to +85°
C
IN+
CR2012-0805
1
Capacitor
0.47μF, 16V, -40°C to +85°C
C
IN-
CR2012-0805
1
Capacitor
4.7μF, 16V, -40°C to +85°C
C
S1
CR3216-1206
1
Capacitor
0.1μF ceramic, 16V, -40°C to +85°C
C
S2
CR2012-0805
1
Capacitor
10μF ceramic, low ESR (<0.1Ω) 16V,
-40°C to +85°C
C
SS
CR3216-1206
1
Header, 2–Pin
Header 2
IN
HDR1X2
1
Resistor
200k
Ω
R
F+
CR2012-0805
1
Resistor
200k
Ω
R
F+
CR2012-0805
1
Resistor
200k
Ω
R
IN+
CR2012-0805
1
Resistor
200k
Ω
R
IN-
CR2012-0805
1
Header, 2–Pin
Header 2
SPEAKER
HDR1X2
1
Header, 2–Pin
Header 2
V
DD
HDR1X2
1
Header, 3–Pin
3–pole jumper
J1
3–pole jumper
1
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com