Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758TL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2758TL
Description  Switched Capacitor Flash LED Driver in micro SMD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2758TL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2758TL Datasheet HTML 1Page - National Semiconductor (TI) LM2758TL Datasheet HTML 2Page - National Semiconductor (TI) LM2758TL Datasheet HTML 3Page - National Semiconductor (TI) LM2758TL Datasheet HTML 4Page - National Semiconductor (TI) LM2758TL Datasheet HTML 5Page - National Semiconductor (TI) LM2758TL Datasheet HTML 6Page - National Semiconductor (TI) LM2758TL Datasheet HTML 7Page - National Semiconductor (TI) LM2758TL Datasheet HTML 8Page - National Semiconductor (TI) LM2758TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
12-Bump Thin Micro SMD
1.514mm x 1.996mm x 0.6mm
NS Package Number TLA12
30045302
Pin Descriptions
Pin
Name
Description
C1
V
IN
Supply voltage connection.
B2
CP
OUT
Charge pump regulated output. A 2.2 µF ceramic capacitor is required from CP
OUT to
GND. Connect flash LED anode to this pin.
B1
C1+
Flying capacitor pins. A 1 µF ceramic capacitor should be connected from C1+ to C1−
and from C2+ to C2−.
D2
C1−
C2
C2+
D1
C2−
A2
SGND
Analog and control ground for charge pump. This pin should be connected directly to a
low impedance ground plane.
C3
LED−
Regulated current source output. Connect flash LED cathode to this pin.
A1
EN1
The EN1 and EN2 pins are used to select the modes (Torch, Indictor, Flash), as well as
to put the part into Shutdown mode.
B3
EN2
A3
I
SET
LED current programming resistor pin. A resistor connected between this pin and GND
are used to set Torch, Flash and Indicator currents.
D3
PGND
Power ground for the charge pump and the current source. This pin should be connected
directly to a low impedance ground plane.
Ordering Information
Order Number
Supplied as Tape and Reel (Units)
LM2758TL
250 units, tape and reel
LM2758TLX
3000 units, tape and reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com