Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48820 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48820
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48820 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM48820 Datasheet HTML 8Page - National Semiconductor (TI) LM48820 Datasheet HTML 9Page - National Semiconductor (TI) LM48820 Datasheet HTML 10Page - National Semiconductor (TI) LM48820 Datasheet HTML 11Page - National Semiconductor (TI) LM48820 Datasheet HTML 12Page - National Semiconductor (TI) LM48820 Datasheet HTML 13Page - National Semiconductor (TI) LM48820 Datasheet HTML 14Page - National Semiconductor (TI) LM48820 Datasheet HTML 15Page - National Semiconductor (TI) LM48820 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Charge Pump Capacitor Selection
Use low (<100m
Ω) ESR (equivalent series resistance) ce-
ramic capacitors with an X7R dielectric for best performance.
Low ESR capacitors keep the charge pump output
impedance to a minimum, extending the headroom on the
negative supply. Higher ESR capacitors result in reduced
output power from the audio amplifiers.
Charge pump load regulation and output impedance are af-
fected by the value of the flying capacitor (C
C). A larger valued
C
C (up to 3.3μF) improves load regulation and minimizes
charge pump output resistance. The switch-on resistance
dominates the output impedance for capacitor values above
2.2
μF.
The output ripple is affected by the value and ESR of the out-
put capacitor (C
SS). Larger capacitors reduce output ripple on
the negative power supply. Lower ESR capacitors minimize
the output ripple and reduce the output impedance of the
charge pump.
The LM48820 charge pump design is optimized for 2.2
μF, low
ESR, ceramic, flying, and output capacitors.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitors (C
INL and CINR in Figure 1). A high
value capacitor can be expensive and may compromise
space efficiency in portable designs. In many cases, however,
the speakers used in portable systems, whether internal or
external, have little ability to reproduce signals below 150Hz.
Applications using speakers with this limited frequency re-
sponse reap little improvement by using high value input and
output capacitors.
Besides affecting system cost and size, the input coupling
capacitor has an effect on the LM48820's click and pop per-
formance. The magnitude of the pop is directly proportional
to the input capacitor's size. Thus, pops can be minimized by
selecting an input capacitor value that is no higher than nec-
essary to meet the desired −3dB frequency.
As shown in Figure 1, the internal input resistor, R
i and the
input capacitor, C
INL and CINR, produce a -3dB high pass filter
cutoff frequency that is found using Equation (4).
f
–3dB = 1 / 2πRiCIN (Hz)
(4)
Also, careful consideration must be taken in selecting a cer-
tain type of capacitor to be used in the system. Different types
of capacitors (tantalum, electrolytic, ceramic) have unique
performance characteristics and may affect overall system
performance.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com