Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4546B Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4546B
Description  AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4546B Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4546B Datasheet HTML 17Page - National Semiconductor (TI) LM4546B Datasheet HTML 18Page - National Semiconductor (TI) LM4546B Datasheet HTML 19Page - National Semiconductor (TI) LM4546B Datasheet HTML 20Page - National Semiconductor (TI) LM4546B Datasheet HTML 21Page - National Semiconductor (TI) LM4546B Datasheet HTML 22Page - National Semiconductor (TI) LM4546B Datasheet HTML 23Page - National Semiconductor (TI) LM4546B Datasheet HTML 24Page - National Semiconductor (TI) LM4546B Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Register Descriptions
Default settings are indicated by *.
RESET REGISTER (00h)
Writing any value to this register causes a Register Reset
which changes all registers back to their default values. If a
read is performed on this register, the LM4546B will return a
value of 0D40h. This value can be interpreted in accordance
with the AC ’97 specification to indicate that National 3D
Sound is implemented and 18-bit data is supported for both
the ADCs and DACs.
MASTER VOLUME REGISTER (02h)
This output register allows the output level from either chan-
nel of the stereo LINE_OUT to be muted or attenuated over
the range 0 dB – 46.5 dB in nominal 1.5 dB steps. There are
6 bits of volume control for each channel and both stereo
channels can be individually attenuated. The mute bit (D15)
acts simultaneously on both stereo channels of LINE_OUT.
The AC’97 specification states that “support for the MSB of
the level is optional.” All six bits may be written to the
register, but if the MSB is a 1, the MSB is ignored and the
register will be set to 0 11111. This will be the value when the
register is read, allowing the software driver to detect
whether the MSB is supported or not.
Mute
Mx5:Mx0
Function
0
0 00000
0 dB attenuation
0
0 11111
46.5 dB attenuation
0
1 xxxxx
As written
0
0 11111
As read back
1
X XXXXX
*mute
Default: 8000h
MONO VOLUME REGISTER (06h)
This output register allows the level from MONO_OUT to be
muted or attenuated over the range 0 dB – 46.5 dB in
nominal 1.5 dB steps. There are 6bits of volume control and
one mute bit (D15). All six bits may be written to the register,
but if the MSB is a 1, the MSB is ignored and the register will
be set to 0 11111. This will be the value when the register is
read, allowing the software driver to detect whether the MSB
is supported or not.
Mute
MM5:MM0
Function
0
0 00000
0 dB attenuation
0
0 11111
46.5 dB attenuation
0
1 xxxxx
As written
0
0 11111
As read back
1
X XXXXX
*mute
Default: 8000h
PC BEEP VOLUME REGISTER (0Ah)
This input register adjusts the level of the mono PC_BEEP
input to the stereo mixer MIX2 where it is summed equally
into both channels of the Stereo Mix signal. PC_BEEP can
be both muted and attenuated over a range of 0 dB to 45 dB
in nominal 3 dB steps. Note that the default setting for the
PC_Beep Volume register is 0 dB attenuation rather than
mute.
Mute
PV3:PV0
Function
0
0000
*0 dB attenuation
0
1111
45 dB attenuation
1
XXXX
mute
Default: 0000h
MIXER INPUT VOLUME REGISTERS (Index 0Ch - 18h)
These input registers adjust the volume levels into the stereo
mixers MIX1 and MIX2. Each channel may be adjusted over
a range of +12 dB gain to –34.5 dB attenuation in 1.5 dB
steps. For stereo ports, volumes of the left and right chan-
nels can be independently adjusted. Muting a given port is
accomplished by setting the MSB to 1. Setting the MSB to 1
for stereo ports mutes both the left and right channel. The
Mic Volume register (0Eh) controls an additional 20 dB boost
for the selected microphone input by setting the 20dB bit
(D6).
Mute
Gx4:Gx0
Function
0
0 0000
+12 dB gain
0
0 1000
0 dB gain
0
1 1111
34.5 dB attenuation
1
X XXXX
*mute
Default:
8008h (mono registers)
8808h (stereo registers)
RECORD SELECT REGISTER (1Ah)
This register independently controls the sources for the right
and left channels of the stereo ADC. The default value of
0000h corresponds to selecting the (mono) Mic input for both
channels.
SL2:SL0
Source for Left Channel ADC
0
*Mic input
1
CD input (L)
2
Not used
3
Not used
4
LINE_IN input (L)
5
Stereo Mix (L)
6
Mono Mix
7
PHONE input
SR2:SR0
Source for Right Channel ADC
0
*Mic input
1
CD input (R)
2
Not used
3
Not used
4
LINE_IN input (R)
5
Stereo Mix (R)
6
Mono Mix
7
PHONE input
Default: 0000h
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com