Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMHX Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035AMHX
Description  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035AMHX Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM5035AMHX Datasheet HTML 18Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 19Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 20Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 21Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 22Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 23Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 24Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 25Page - National Semiconductor (TI) LM5035AMHX Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
30034130
FIGURE 11. Basic Over-Voltage Protection
30034131
FIGURE 12. UVLO/OVP Divider
The impedance seen looking into the resistor divider from the
UVLO and OVP pins determines the hysteresis level. UVLO
and OVP enable and disable thresholds are calculated using
the equations in the table below for the three-resistor divider
illustrated in Figure 12.
TABLE 1. UVO/OVP Divider Formulas
Outputs disabled due to VIN falling below UVLO threshold
Outputs enabled due to VIN rising above UVLO threshold
UVLO
on = UVLOoff + (23 µA x R1)
Outputs disabled due to VIN rising above OVP threshold
Outputs enabled due to VIN falling below OVP threshold
OVP
on = OVPoff - [23 µA x (R1 + R2)]
The typical operating ranges of undervoltage and overvoltage
thresholds are calculated from the above equations. For ex-
ample, for resistor values R1 = 86.6k
Ω, R2 = 2.10kΩ and R3
= 1.40k
Ω the computed thresholds are:
UVLO turn-off = 32.2V
UVLO turn-on = 34.2V
OVP turn-on = 78.4V
OVP turn-off = 80.5V
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com