Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035ASQX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035ASQX
Description  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035ASQX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM5035ASQX Datasheet HTML 3Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 4Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 5Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 6Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 7Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 8Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 9Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 10Page - National Semiconductor (TI) LM5035ASQX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 105V
HS to GND
-1V to 105V
HB to GND
-0.3V to 118V
HB to HS
-0.3V to 18V
VCC to GND
-0.3V to 16V
CS, RT, DLY to GND
-0.3V to 5.5V
COMP Input Current
10mA
All other inputs to GND
-0.3V to 7V
ESD Rating (Note 4)
Human Body Model
2kV
Storage Temperature Range
-65°C to 150°C
Junction Temperature
150°C
Operating Ratings (Note 1)
VIN Voltage
13V to 105V
External Voltage Applied to VCC
8V to 15V
Operating Junction Temperature
-40°C to +125°C
Electrical Characteristics Specifications with standard typeface are for T
J = 25°C, and those with boldface type
apply over full Operating Junction Temperature range. V
VIN = 48V, VVCC = 10V externally applied, RRT = 15.0 kΩ, RDLY =
27.4k
Ω, V
UVLO = 3V, VOVP = 0V unless otherwise stated. See (Note 2) and (Note 3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator (VCC pin)
V
VCC
VCC voltage
I
VCC = 10mA
7.3
7.6
7.9
V
I
VCC(LIM)
VCC current limit
V
VCC = 7V
25
35
mA
V
VCCUV
VCC Under-voltage threshold (VCC
increasing)
VIN = VCC,
ΔV
VCC from the regulation
setpoint
0.2
0.1
V
VCC decreasing
VCC – PGND
5.5
6.2
6.9
V
I
VIN
Startup regulator current
VIN = 90V, UVLO = 0V
30
70
µA
Supply current into VCC from
external source
Outputs & COMP open, V
VCC = 10V,
Outputs Switching
4
6
mA
Voltage Reference Regulator (REF pin)
V
REF
REF Voltage
I
REF = 0mA
4.85
5
5.15
V
REF Voltage Regulation
I
REF = 0 to 10mA
25
50
mV
REF Current Limit
REF = 4.5V
15
20
mA
Under-Voltage Lock Out and shutdown (UVLO pin)
V
UVLO
Under-voltage threshold
1.212
1.25
1.288
V
I
UVLO
Hysteresis current
UVLO pin sinking
19
23
27
µA
Under-voltage Shutdown Threshold UVLO voltage falling
0.3
V
Under-voltage Standby Enable
Threshold
UVLO voltage rising
0.4
V
Over-Voltage Protection (OVP pin)
V
OVP
Over-Voltage threshold
1.212
1.25
1.288
V
I
OVP
Hysteresis current
OVP pin sourcing
19
23
27
µA
Current Sense Input (CS Pin)
V
CS
Current Limit Threshold
0.228
0.25
0.272
V
CS delay to output
CS from zero to 1V. Time for HO and LO
to fall to 90% of VCC. Output load = 0 pF.
80
ns
Leading edge blanking time at CS
50
ns
CS sink impedance (clocked)
Internal FET sink impedance
32
60
Ω
Current Limit Restart (RES Pin)
V
RES
RES Threshold
2.4
2.5
2.6
V
Charge source current
V
RES = 1.5V
16
22
28
µA
Discharge sink current
V
RES = 1V
8
12
16
µA
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com