Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48860
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48860 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM48860 Datasheet HTML 9Page - National Semiconductor (TI) LM48860 Datasheet HTML 10Page - National Semiconductor (TI) LM48860 Datasheet HTML 11Page - National Semiconductor (TI) LM48860 Datasheet HTML 12Page - National Semiconductor (TI) LM48860 Datasheet HTML 13Page - National Semiconductor (TI) LM48860 Datasheet HTML 14Page - National Semiconductor (TI) LM48860 Datasheet HTML 15Page - National Semiconductor (TI) LM48860 Datasheet HTML 16Page - National Semiconductor (TI) LM48860 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
speakers used in portable systems, whether internal or ex-
ternal, have little ability to reproduce signals below 150Hz.
Applications using speakers with this limited frequency re-
sponse reap little improvement by using high value input and
output capacitors.
As shown in Figure 1, the internal input resistor, R
i and the
input capacitors, C1 and C2, produce a -3dB high-pass filter
cutoff frequency that is found using Equation (2).
f
i-3dB = 1 / 2πRINC
(Hz)
(2)
The value of R
IN can be found in the Electrical Characteris-
tics tables.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com