Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91M047 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS91M047
Description  125 MHz Quad M-LVDS Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS91M047 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS91M047 Datasheet HTML 1Page - National Semiconductor (TI) DS91M047 Datasheet HTML 2Page - National Semiconductor (TI) DS91M047 Datasheet HTML 3Page - National Semiconductor (TI) DS91M047 Datasheet HTML 4Page - National Semiconductor (TI) DS91M047 Datasheet HTML 5Page - National Semiconductor (TI) DS91M047 Datasheet HTML 6Page - National Semiconductor (TI) DS91M047 Datasheet HTML 7Page - National Semiconductor (TI) DS91M047 Datasheet HTML 8Page - National Semiconductor (TI) DS91M047 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ordering Information
Operating Temperature
Package Type / Number
Order Number
−40°C to +85°C
SOIC/M16A
DS91M047TMA
Connection Diagrams
20024001
20024003
Pin Descriptions
Pin No.
Name
Description
2, 3, 6, 7
DI
Driver input pin, LVCMOS compatible.
10, 11, 14, 15
A
Non-inverting driver output pin, M-LVDS levels.
9, 12, 13, 16
B
Inverting driver output pin, M-LVDS levels.
1
DE
Driver enable pin: When DE is low, the driver is disabled. When DE is high and DE is low or open,
the driver is enabled. If both DE and DE are open circuit, then the driver is disabled.
8
DE
Driver enable pin: When DE is high, the driver is disabled. When DE is low or open and DE is high,
the driver is enabled. If both DE and DE are open circuit, then the driver is disabled.
4
V
DD
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
Truth Table
Enables
Input
Outputs
DE
DE
DI
A
B
H
L
L
L
H
H
H
L
All other combinations of ENABLE inputs
X
Z
Z
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com