Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48520TL
Description  Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48520TL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM48520TL Datasheet HTML 9Page - National Semiconductor (TI) LM48520TL Datasheet HTML 10Page - National Semiconductor (TI) LM48520TL Datasheet HTML 11Page - National Semiconductor (TI) LM48520TL Datasheet HTML 12Page - National Semiconductor (TI) LM48520TL Datasheet HTML 13Page - National Semiconductor (TI) LM48520TL Datasheet HTML 14Page - National Semiconductor (TI) LM48520TL Datasheet HTML 15Page - National Semiconductor (TI) LM48520TL Datasheet HTML 16Page - National Semiconductor (TI) LM48520TL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
I
LOAD = IIND(AVG) x (1 - DC)
(6)
Where "DC" is the duty cycle of the application. The switch
current can be found by:
I
SW = IIND(AVG) + 1/2 (IRIPPLE)
(7)
Inductor ripple current is dependent on inductance, duty cy-
cle, input voltage and frequency:
I
RIPPLE = DC x (VIN-VSW) / (f x L)
(8)
combining all terms, we can develop an expression which al-
lows the maximum available load current to be calculated:
I
LOAD(max) = (1–DC)x(ISW(max)–DC(VIN-VSW))/fL
(9)
The equation shown to calculate maximum load current takes
into account the losses in the inductor or turn-OFF switching
losses of the FET and diode.
DESIGN PARAMETERS V
SW AND ISW
The value of the FET "ON" voltage (referred to as V
SW in
equations 4 thru 7) is dependent on load current. A good ap-
proximation can be obtained by multiplying the "ON Resis-
tance" of the FET times the average inductor current.
FET on resistance increases at V
IN values below 5V, since
the internal N-FET has less gate voltage in this input voltage
range (see Typical Performance Characteristics curves).
Above V
IN = 5V, the FET gate voltage is internally clamped to
5V.
The maximum peak switch current the device can deliver is
dependent on duty cycle. For higher duty cycles, see Typical
Performance Characteristics curves.
INDUCTOR SUPPLIERS
The recommended inductor for the LM48520 is the
NR8040T6R8N from Taiyo Yuden. When selecting an induc-
tor, make certain that the continuous current rating is high
enough to avoid saturation at peak currents, where:
I
IND = (PV1 / VDD) x ILOAD(BOOST)
(10)
A suitable core type must be used to minimize core (switch-
ing) losses, and wire power losses must be considered when
selecting the current rating.
PCB Layout Guidelines
High frequency boost converters require very careful layout
of components in order to get stable operation and low noise.
All components must be as close as possible to the LM48520
device. It is recommended that a four layer PCB be used so
that internal ground planes are available.
Some additional guidelines to be observed (all designators
are referencing Figure 1):
1. Keep the path between L1, D1, and Co extremely short.
Parasitic trace inductance in series with D1 and Co will in-
crease noise and ringing.
2. The feedback components R1, R2 and Cf1 must be kept
close to the FB pin to prevent noise injection on the FB pin
trace.
3. Since the external components of the boost converter
are switching, L1 and D1 should be kept away from the input
traces to prevent the noise from injecting into the input.
4. The power supply bypass capacitors, Cs1 and Cs2
should be placed as close to the LM48520 device as possible.
GROUNDING GUIDELINES
There are three grounds on the LM48520, GND, SW_GND,
and PGND. When laying out the PCB, it is critical to connect
the grounds as close to the device as possible. The simplest
way to do that is to place vias close to the GND, SW_GND,
and PGND bumps and connect the GND, SW_GND, and
PGND vias using a single ground plane in an inner layer of
the PCB.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com