Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV761MA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV761MA
Description  Low Voltage, Precision Comparator with Push-Pull Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV761MA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV761MA Datasheet HTML 1Page - National Semiconductor (TI) LMV761MA Datasheet HTML 2Page - National Semiconductor (TI) LMV761MA Datasheet HTML 3Page - National Semiconductor (TI) LMV761MA Datasheet HTML 4Page - National Semiconductor (TI) LMV761MA Datasheet HTML 5Page - National Semiconductor (TI) LMV761MA Datasheet HTML 6Page - National Semiconductor (TI) LMV761MA Datasheet HTML 7Page - National Semiconductor (TI) LMV761MA Datasheet HTML 8Page - National Semiconductor (TI) LMV761MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Supply Voltage (V+ – V−)
5.5V
Differential Input Voltage
Supply Voltage
Voltage between any two pins
Supply Voltage
Output Short Circuit Duration (Note 9)
Current at Input Pin
±5 mA
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C (Lead Temp)
Junction Temperature
150°C
Storage Temperature Range
−65°C to 150°C
Operating Ratings
Supply Voltage (V+ – V−)
2.7V to 5.0V
Temperature Range
−40°C to +125°C
Package Thermal Resistance (Note 4)
6-Pin SOT-23
265°C/W
8-Pin SOIC
190°C/W
8-Pin MSOP
235°C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limited guaranteed for T
J = 25°C, VCM = V
+/2, V+ = 2.7V, V− = 0V−. Boldface limits apply at the
temperature extremes. (Note 5)
Symbol
Parameter
Condition
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
OS
Input Offset Voltage
0.2
1.0
mV
I
B
Input Bias Current (Note 8)
0.2
50
pA
I
OS
Input Offset Current (Note 8)
.001
5
pA
CMRR
Common Mode Rejection Ratio
0V < V
CM < VCC - 1.3V
80
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5V
80
110
dB
CMVR
Input Common Mode Voltage
Range
CMRR > 50dB
−0.3
1.5
V
V
O
Output Swing High
I
L = 2mA, VID = 200mV
V+ – 0.35
V+ – 0.1
V
Output Swing Low
I
L = −2mA, VID = −200mV
90
250
mV
I
SC
Output Short Circuit Current
(Note 3)
Sourcing, V
O = 1.35V, VID = 200mV
6.0
20
mA
Sinking, V
O = 1.35V, VID = −200mV
6.0
15
I
S
Supply Current
μA
LMV761 (Single Comparator)
275
700
LMV762 (Both Comparators)
550
1400
I
OUT LEAKAGE Output Leakage I @ Shutdown
SD = GND, V
O = 2.7V
0.20
μA
I
S LEAKAGE
Supply Leakage I @ Shutdown
SD = GND, V
CC = 2.7V
0.20
2
μA
t
PD
Propagation Delay
R
L = 5.1kΩ
C
L = 50pF
Overdrive = 5mV
270
ns
Overdrive = 10mV
205
Overdrive = 50mV
120
t
SKEW
Propagation Delay Skew
5
ns
t
r
Output Rise Time
10% to 90%
1.7
ns
t
f
Output Fall Time
90% to 10%
1.8
ns
t
on
Turn On Time From Shutdown
6
μs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com